Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1501 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # GBJ1501
Description  15.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

GBJ1501 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  GBJ1501 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. GBJ1501 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
GBJ15005 thru GBJ1510
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05
Features
• Glass passivated chip junction
• Low forward voltage drop
• High surge overload rating of 240 A peak
• Ideal for printed circuit board
Mechanical Data
• Case: Molded plastic,GBJ(5S/6KBJ)
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Leads solderable per JESD22-B102,
Meet JESD 201 class 2 whisker test
• Mounting position: Any
Pb
GBJ15005 thru GBJ1510
15.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
Pb Free Plating Product
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
GBJ
.800(20.3)
.697(17.7)
.708(18.0)
.669(17.0)
.165(4.2)
.150(3.8)
.119
(0.5)
1.193(30.3)
1.169(29.7)
.150(3.8)
.134(3.4)
.031(0.8)
.023(0.6)
.114(2.9)
.098(2.5)
.184(3.4)
.122(3.1)
.441(11.2)
.425(10.8)
.189(4.8)
.173(4.4)
HOLE FOR NO.
6 SCREW
+ ~ ~ -
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.402(1.1)
.386(0.9)
.106(2.7)
.096(2.3)
.094(2.4)
.078(2.0)
.043(1.1)
.035(0.9)
Dimensions in inches and (millimeters)
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2tA2s
RθJC
°C/W
TJ
°C
TSTG
°C
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
V
Maximum average forward rectified current
15
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
240
A
0.8
Rating for fusing (t<8.3ms)
239
Maximum instantaneous forward voltage (Note 1)
@ 7.5 A
@ 15 A
VF
1.0
1.1
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
IR
10
500
μA
Typical thermal resistance
GBJ1501 GBJ1502 GBJ1504 GBJ1506 GBJ1508 GBJ1510
GBJ15005


Similar Part No. - GBJ1501

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GBJ1501 CHENDA-GBJ1501 Datasheet
546Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ1501 DIODES-GBJ1501 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Diotech Company.
GBJ1501 DIOTECH-GBJ1501 Datasheet
853Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
GBJ1501 DYELEC-GBJ1501 Datasheet
3Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ1501 SY-GBJ1501 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ1501

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GBJ25005 THINKISEMI-GBJ25005 Datasheet
422Kb / 2P
   25.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ5006 THINKISEMI-GBJ5006 Datasheet
443Kb / 2P
   50.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ3506 THINKISEMI-GBJ3506 Datasheet
437Kb / 2P
   35.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBU6005 THINKISEMI-GBU6005 Datasheet
391Kb / 2P
   6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBU15005 SECOS-GBU15005 Datasheet
190Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBU1501 DGNJDZ-GBU1501 Datasheet
582Kb / 2P
   15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBJ15A SECOS-GBJ15A Datasheet
186Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
KBJ15005 BYTESONIC-KBJ15005 Datasheet
327Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com