Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF304A Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SF304A
Description  30 Ampere Dual Common Anode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF304A Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SF304A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF304A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
30
15
10
5
20
25
1.0
15
150
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
50
100
150
200
250
300
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
SF304A
SF306A
SF307A
.
.
.
®
SF304A thru SF307A
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05


Similar Part No. - SF304A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF304A THINKISEMI-SF304A Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SF304A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U30C20A THINKISEMI-U30C20A Datasheet
830Kb / 2P
   30 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
MUR3020CTR THINKISEMI-MUR3020CTR Datasheet
926Kb / 2P
   30 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
MUR3020AT THINKISEMI-MUR3020AT Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020CA THINKISEMI-MUR3020CA Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020CTA THINKISEMI-MUR3020CTA Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
ESAD25-02N THINKISEMI-ESAD25-02N Datasheet
249Kb / 2P
   16 Ampere Dual Common Anode Fast Recovery Half Bridge Rectifiers
ESAC25-02N THINKISEMI-ESAC25-02N Datasheet
694Kb / 2P
   10 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
MUR820CTR THINKISEMI-MUR820CTR Datasheet
698Kb / 2P
   8 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
CTG-32R THINKISEMI-CTG-32R Datasheet
354Kb / 2P
   20.0 Ampere Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
C10P20FR THINKISEMI-C10P20FR Datasheet
693Kb / 2P
   10 Ampere Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com