Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8DCNT4 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MCR8DCNT4
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR8DCNT4 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MCR8DCNT4 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR8DCNT4 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR8DCNT4 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR8DCNT4 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR8DCNT4 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCR8DCM, MCR8DCN
4
65
125
−40
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
1000
10 K
10
RGK, GATE−CATHODE RESISTANCE (OHMS)
1000
100
10
1.0
−25
5.0
20
50
95
100
VD = 800 V
TJ = 125°C
−10
35
80
110
65
125
−40
10
1.0
−25
5.0
20
50
95
100
−10
35
80
110
100
Figure 5. Typical Gate Trigger Current versus
Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus
Junction Temperature
−25
20
−40
TJ, JUNCTION TEMPERATURE (°C)
100
10
TJ, JUNCTION TEMPERATURE (°C)
−25
65
−40
0.2
20
5.0
50
110
65
5.0
125
35
50
80
1.0
0.9
−10
35
95
−10
95
80
125
0.3
0.4
0.5
0.6
0.7
0.8
110
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Exponential Static dv/dt versus
Gate−Cathode Resistance
www.kersemi.com


Similar Part No. - MCR8DCNT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8DCNT4 ONSEMI-MCR8DCNT4 Datasheet
60Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR8DCNT4G ONSEMI-MCR8DCNT4G Datasheet
60Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
More results

Similar Description - MCR8DCNT4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com