Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8DSMT4G Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MCR8DSMT4G
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR8DSMT4G Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MCR8DSMT4G Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR8DSM, MCR8DSN
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off−State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off−State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On−State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)
Figure 1. Average Current Derating
Figure 2. On−State Power Dissipation
6.0
0
IT(AV), AVERAGE ON−STATE CURRENT (AMPS)
110
105
100
IT(AV), AVERAGE ON−STATE CURRENT (AMPS)
3.0
6.0
0
8.0
4.0
2.0
0
95
85
1.0
2.0
3.0
1.0
2.0
6.0
10
12
dc
180
°
120
°
90
°
60
°
a = 30°
dc
180
°
120
°
90
°
60
°
a = 30°
5.0
4.0
5.0
90
4.0
a
a = Conduction
Angle
a
a = Conduction
Angle
www.kersemi.com


Similar Part No. - MCR8DSMT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8DSMT4G ONSEMI-MCR8DSMT4G Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR8DSMT4G KERSEMI-MCR8DSMT4G Datasheet
429Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR8DSMT4G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com