Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8DSMT4G Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MCR8DSMT4G
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR8DSMT4G Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MCR8DSMT4G Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR8DSMT4G Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MCR8DSM, MCR8DSN
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed for high volume, low cost, industrial and consumer
applications such as motor control; process control; temperature, light
and speed control.
Features
Pb−Free Package is Available
Small Size
Passivated Die for Reliability and Uniformity
Low Level Triggering and Holding Characteristics
Available in Two Package Styles
Surface Mount Lead Form − Case 369C
Miniature Plastic Package − Straight Leads − Case 369
Epoxy Meets UL 94, V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage
(Note 1) (TJ = −40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
MCR8DSM
MCR8DSN
VDRM,
VRRM
600
800
V
On−State RMS Current
(180
° Conduction Angles; TC = 90°C)
IT(RMS)
8.0
A
Average On−State Current
(180
° Conduction Angles; TC = 90°C)
IT(AV)
5.1
A
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave 60 Hz,
TJ = 110°C)
ITSM
90
A
Circuit Fusing Consideration
(t = 8.3 msec)
I2t
34
A2sec
Forward Peak Gate Power
(Pulse Width
≤ 1.0 msec, TC = 90°C)
PGM
5.0
W
Forward Average Gate Power
(t = 8.3 msec, TC = 90°C)
PG(AV)
0.5
W
Forward Peak Gate Current
(Pulse Width
≤ 1.0 msec, TC = 90°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
− 40 to 110
°C
Storage Temperature Range
Tstg
− 40 to 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for negative gate voltage; positive gate voltage shall not be applied
concurrent with negative potential on the anode. Blocking voltages shall not
be tested with a constant current source such that the voltage ratings of the
device are exceeded.
SCRs
8 AMPERES RMS
600 − 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
K
G
A
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
DPAK
CASE 369C
STYLE 4
MARKING
DIAGRAM
Y
= Year
WW
= Work Week
x
= M or N
1 2
3
4
YWW
CR
8DSx
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
www.kersemi.com


Similar Part No. - MCR8DSMT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8DSMT4G ONSEMI-MCR8DSMT4G Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR8DSMT4G KERSEMI-MCR8DSMT4G Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR8DSMT4G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com