Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR703A Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MCR703A
Description  Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR703A Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MCR703A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR703A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR703A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR703A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR703A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR703A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MCR703A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCR703A Series
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM; RGK = 1 KW)TC = 25°C
TC = 110°C
IDRM, IRRM
10
200
mA
ON CHARACTERISTICS
Peak Forward “On” Voltage
(ITM = 8.2 A Peak, Pulse Width = 1 to 2 ms, 2% Duty Cycle)
VTM
2.2
V
Gate Trigger Current (Continuous dc) (Note 3)
(VAK = 12 Vdc, RL = 24 Ohms)
TC = 25°C
TC = −40°C
IGT
25
75
300
mA
Gate Trigger Voltage (Continuous dc) (Note 3)
TC = 25°C
(VAK = 12 Vdc, RL = 24 Ohms)
TC = −40°C
VGT
0.8
1.0
V
Gate Non-Trigger Voltage (Note 3)
(VAK = 12 Vdc, RL = 100 Ohms, TC = 110°C)
VGD
0.2
V
Holding Current
(VAK = 12 Vdc, Gate Open)
TC = 25°C
(Initiating Current = 200 mA)
TC = −40°C
IH
5.0
10
mA
Peak Reverse Gate Blocking Voltage
(IGR = 10 mA)
VRGM
10
12.5
18
V
Peak Reverse Gate Blocking Current
(VGR = 10 V)
IRGM
1.2
mA
Total Turn-On Time
(Source Voltage = 12 V, RS = 6 kW)
(ITM = 8.2 A, IGT = 2 mA, Rated VDRM)
(Rise Time = 20 ns, Pulse Width = 10
ms)
tgt
2.0
ms
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(VD = Rated VDRM, RGK = 1 kW, Exponential Waveform,
TC = 110°C)
dv/dt
10
V/
ms
Repetitive Critical Rate of Rise of On−State Current
(Cf = 60 Hz, IPK = 30 A, PW = 100 ms, diG/dt = 1 A/ms)
di/dt
100
A/
ms
3. RGK current not included in measurement.
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MCR703AT4
DPAK
369C
2500 Tape & Reel
MCR706AT4
DPAK
369C
2500 Tape & Reel
MCR706AT4G
DPAK
(Pb−Free)
369C
2500 Tape & Reel
MCR708A
DPAK
369C
2500 Tape & Reel
MCR708A1
DPAK−3
369D
75 Units / Rail
MCR708AT4
DPAK
369C
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
www.kersemi.com


Similar Part No. - MCR703A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR703A MOTOROLA-MCR703A Datasheet
107Kb / 4P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
logo
Central Semiconductor C...
MCR703A CENTRAL-MCR703A Datasheet
476Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 100 THRU 600 VOLTS
MCR703A CENTRAL-MCR703A Datasheet
496Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR703A NJSEMI-MCR703A Datasheet
174Kb / 2P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR703A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com