Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100-6RLRA Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MCR100-6RLRA
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR100-6RLRA Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MCR100-6RLRA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR100-6RLRA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR100-6RLRA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR100-6RLRA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR100-6RLRA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR100-6RLRA Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR100 Series
3
Figure 1. Typical Gate Trigger Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
100
90
80
70
60
50
40
30
110
50
35
20
5
−10
−25
−40
Figure 2. Typical Gate Trigger Voltage versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
110
65
50
35
20
5
−10
−25
−40
0.8
0.7
0.6
0.5
0.4
0.3
0.2
20
10
0.9
1.0
95
80
65
95
80
DC
Figure 3. Typical Holding Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
Figure 4. Typical Latching Current versus
Junction Temperature
10
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
120
110
100
90
80
70
60
50
0.5
0.4
0.3
0.2
0.1
0
Figure 6. Typical On−State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
3.5
3.2
2.3
2.0
1.7
1.4
1.1
0.8
0.5
1
0.1
40
10
95
80
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
10
95
80
30
°
60
°
90
°
120
°
180
°
2.9
2.6
MAXIMUM @ TJ = 110°C
MAXIMUM @ TJ = 25°C
www.kersemi.com


Similar Part No. - MCR100-6RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR100-6RLRA ONSEMI-MCR100-6RLRA Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
MCR100-6RLRA ONSEMI-MCR100-6RLRA Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
MCR100-6RLRAG ONSEMI-MCR100-6RLRAG Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
MCR100-6RLRAG ONSEMI-MCR100-6RLRAG Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
More results

Similar Description - MCR100-6RLRA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com