Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR30120PT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MUR30120PT
Description  Rectifiers in switch mode power supplies (SMPS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR30120PT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MUR30120PT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR30120PT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR30120PT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFRM
TVJ=TVJM
TC=100
oC; rectangular, d=0.5
tp<10us; rep. rating, pulse width limited by TVJM
25
30
150
A
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
75
80
65
70
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
28
27
21
20
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Ptot
TC=25
oC
Md
Mounting torque
78
0.4...0.6
2
W
Nm
Weight
g
MUR30120PT
VRSM
V
1200
VRRM
V
1200
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
MUR30120PT
2014-8-6
1
www.kersemi.com


Similar Part No. - MUR30120PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MUR30120PT ETC1-MUR30120PT Datasheet
86Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR30120PT SIRECTIFIER-MUR30120PT Datasheet
86Kb / 3P
   Ultra Fast Recovery Diodes
MUR30120PT SIRECTIFIER-MUR30120PT Datasheet
211Kb / 3P
   Ultra Fast Recovery Diodes
logo
Inchange Semiconductor ...
MUR30120PT ISC-MUR30120PT Datasheet
286Kb / 2P
   Ultrafast Rectifier
logo
Thinki Semiconductor Co...
MUR30120PT THINKISEMI-MUR30120PT Datasheet
418Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results

Similar Description - MUR30120PT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR6040PT KERSEMI-MUR6040PT Datasheet
360Kb / 3P
   Rectifiers in switch mode power supplies (SMPS)
logo
IXYS Corporation
DSA80C45HB IXYS-DSA80C45HB Datasheet
92Kb / 3P
   Rectifiers in switch mode power supplies
logo
Sangdest Microelectroni...
SDURF1030 SMC-SDURF1030 Datasheet
146Kb / 5P
   Rectifiers in switch mode power supplies
SURF1560 SMC-SURF1560 Datasheet
99Kb / 5P
   Rectifiers in switch mode power supplies
logo
International Rectifier
IRF740AS IRF-IRF740AS Datasheet
141Kb / 10P
   Switch Mode Power Supply (SMPS)
logo
Kersemi Electronic Co.,...
IRFR3412TRR KERSEMI-IRFR3412TRR Datasheet
3Mb / 10P
   Switch Mode Power Supply (SMPS)
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
International Rectifier
IRFB17N60KPBF IRF-IRFB17N60KPBF Datasheet
438Kb / 8P
   SMPS MOSFET(SWITCH MODE POWER SUPPLY)
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com