Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF210301E Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTF210301E
Description  LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF210301E Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTF210301E Datasheet HTML 1Page - Infineon Technologies AG PTF210301E Datasheet HTML 2Page - Infineon Technologies AG PTF210301E Datasheet HTML 3Page - Infineon Technologies AG PTF210301E Datasheet HTML 4Page - Infineon Technologies AG PTF210301E Datasheet HTML 5Page - Infineon Technologies AG PTF210301E Datasheet HTML 6Page - Infineon Technologies AG PTF210301E Datasheet HTML 7Page - Infineon Technologies AG PTF210301E Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
4
2003-12-22
PTF210301
Broadband Circuit Impedance Data
IM3, Drain Efficiency and Gain
vs. Supply Voltage
-45
-40
-35
-30
-25
-20
-15
-10
23
24
25
26
27
28
29
30
31
32
33
Supply Voltage (V)
10
15
20
25
30
35
40
45
Gain
Efficiency
IM3 Up
IDQ = 380 mA, f = 2140 MHz, Tone Spacing = 1 MHz,
Output Power (PEP) = 44.75 dBm
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-20
20
60
100
Case Temperature (°C)
0.20
0.77
1.33
1.90
2.47
3.03
Gate-Source Voltage vs. Case Temperature
Voltage normalized to typical gate voltage.
Typical Performance (cont.)
Z Source
Z Load
G
S
D
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
2070
12.6
–4.3
5.5
–5.7
2110
13.5
–3.8
5.1
–5.4
2140
14.2
–3.6
4.8
–4.9
2170
15.0
–3.6
4.4
–4.6
2210
16.1
–3.7
4.0
–4.3
0.1
3
0.2
2210 MHz
2070 MHz
2210 MHz
2070 MHz
Z Load
Z Source
Z0 = 50 Ω
Series show current.


Similar Part No. - PTF210301E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
logo
Tyco Electronics
PTF21024 MACOM-PTF21024 Datasheet
199Kb / 3P
   Miniature Power Relay
PTF21024 MACOM-PTF21024 Datasheet
261Kb / 3P
   Miniature Power Relay PTF
logo
Infineon Technologies A...
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF210451E INFINEON-PTF210451E Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
More results

Similar Description - PTF210301E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com