Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1421M Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE1421M
Description  P-Channel 20-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1421M Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1421M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACE1421M
P-Channel 20-V MOSFET
VER 1.1
5
Typical Performance Characteristics
Qg - Total Gate Charge (nC)
TJ –Junction Temperature(°C)
7. Gate Charge
8. Normalized On-Resistance Vs
Junction Temperature
VDS Drain to Source Voltage (V)
t1 TIME (SEC)
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
t1 TIME (sec)
11. Normalized Thermal Transient Junction to Ambient


Similar Part No. - ACE1421M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1420M ACE-ACE1420M Datasheet
486Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
More results

Similar Description - ACE1421M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com