Electronic Components Datasheet Search |
|
GOT815-834-C-RF-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd. |
|
GOT815-834-C-RF-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd. |
2 / 2 page 564 Overview Fanless Touch Panel Computers Heavy-duty Fanless Touch Panel Computers Industrial Touch Panel Computers Industrial Touch panel Monitors Infotainment Touch Panel Computers Open Frame Panel Computers Healthcare & Medical Solutions Accessories 2 axiomtek.com © 2016 Axiomtek Co., Ltd. All rights reserved. * All specifications and photos are subject to change without notice. Ordering Information Specifications I/O Connector 2 x RS-232/422/485 (default RS-232, A-Coded) 4 x USB 2.0 (A-Coded) 1 x 10/100/1000Mbps Ethernet (X-Coded) Expansion Interface 2 x PCIe Mini Card slot Touchscreen 5-wire resistive touch or projected capacitive multi-touch Power Supply Power input 9~36VDC Dimensions 382 mm (15.4") (W) x 55 mm (2.17") (D) x 305 mm (12.01") (H) Packing Dimensions 510 mm (20.07") (W) x 186 mm (7.32") (D) x 532 mm (20.94") (H) Weight (net/gross) 5.2kg (11.46lb)/ 8.4kg (18.51lb) Environment Operating temperature: -20°C ~ +55°C (-4°F ~ +131°F) Storage Temperature: -30°C ~ +70°C (-22°F ~ +158°F) Relative humidity: 10% ~ 95% @ 40°C, non-condensing Operation vibration: 2G, 5 ~ 500Hz, random for 2.5" SSD 2G, 5 ~ 500Hz, random for CompactFlash™ Certificate CE * W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek. Sunlight readable type GOT815-834-C-DC 15" XGA fanless IP66-rated stainless steel touch panel computer with Intel® Atom™ E3827, projected capacitive touch screen, 9-36VDC power input, flat-bezel design and Wi-Fi or 3G GOT815-834-C-RF-DC 15" XGA fanless IP66-rated stainless steel touch panel computer with Intel® Atom™ E3827, projected capacitive touch screen, 9-36VDC power input, flat-bezel design and Wi-Fi or 3G GOT815-834-R-DC 15" XGA fanless IP66-rated stainless steel touch panel computer with Intel® Atom™ E3827, 5-wire flat resistive touch screen, 9-36VDC power input, flat-bezel design and Wi-Fi or 3G GOT815-834-R-RF-DC 15" XGA fanless IP66-rated stainless steel touch panel computer with Intel® Atom™ E3827, 5-wire flat resistive touch screen, 9-36VDC power input, flat-bezel design and Wi-Fi or 3G * Specification and certifications are based on options and may vary. Optional Accessories Optional EOS Installation Optional OS Installation 594B8122100E Water-proof COM port cable (1.8 m) 594B8122820E Water-proof USB cable (1.8 m) 594B8152710E Water-proof LAN cable (1.8 m) 50964A23000E 72W/24V power adapter with M12 connector WES 7 WE8S Windows® 7 Windows® 8/8.1 Dimensions |
Similar Part No. - GOT815-834-C-RF-DC |
|
Similar Description - GOT815-834-C-RF-DC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |