Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF211802A Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTF211802A
Description  LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF211802A Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTF211802A Datasheet HTML 1Page - Infineon Technologies AG PTF211802A Datasheet HTML 2Page - Infineon Technologies AG PTF211802A Datasheet HTML 3Page - Infineon Technologies AG PTF211802A Datasheet HTML 4Page - Infineon Technologies AG PTF211802A Datasheet HTML 5Page - Infineon Technologies AG PTF211802A Datasheet HTML 6Page - Infineon Technologies AG PTF211802A Datasheet HTML 7Page - Infineon Technologies AG PTF211802A Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
2
2004-02-13
PTF211802
Broadband Performance
5
10
15
20
25
30
35
40
2080
2100
2120
2140
2160
2180
2200
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
Gain
Efficiency
Return Loss
VDD = 28 V, IDQ = 2.0 A, POUT = 38 W
Power Sweep, under Pulsed Conditions
VDD = 28 V, IDQ = 2.0 A, f = 2140 MHz,
pulse period = 1 ms, 0.8% duty cycle
46
48
50
52
54
56
58
30
32
34
36
38
40
42
44
Input Power (dBm)
P-1dB = 52.8 dBm
P-3dB = 53.6 dBm
Ideal
Actual
Typical Performance (data taken in a production test fixture)
DC Characteristics at TCASE = 25°C unless otherwise indicated
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Drain–Source Breakdown Voltage
VGS = 0 V, IDS = 10 µA/side
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1.0
µA
On–State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.1
Operating Gate Voltage
VDS = 28 V, IDQ = 1.0 A/side
VGS
2.5
3.2
4
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
V
Gate–Source Voltage
VGS
–0.5 to +12
V
Junction Temperature
TJ
200
°C
Total Device Dissipation
PTF211802A
PD
498
W
Above 25°C derate by
2.85
W/°C
Total Device Dissipation
PTF211802E
PD
647
W
Above 25°C derate by
3.70
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance
PTF211802A
RθJC
0.35
°C/W
(TCASE = 70°C, 130 W CW)
PTF211802E
RθJC
0.27
°C/W


Similar Part No. - PTF211802A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211301A INFINEON-PTF211301A Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
More results

Similar Description - PTF211802A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com