Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10SEQP56M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 10SEQP56M
Description  RoHS directive/Halogen-free compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10SEQP56M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  10SEQP56M Datasheet HTML 1Page - List of Unclassifed Manufacturers 10SEQP56M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
57
58
OS-CON
Line-up
Guidelines and
precautions
Series system
diagram
Recommended
soldering
condition
Fundamental
structure
Characteristics
Reliability
Catalog Deletion and
EOL series
SXV
SVPG
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SXE
SEPF
SEPC
SEQP
SEP
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
POSCAP
Line-up
Guidelines and
precautions
Catalog Deletion and
EOL models
Selection guide
Technical data
Surface mount type
Catalog Deletion and
EOL series
SEP
SEQP
SEPC
SEPF
SXE
SXV
SVPG
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
Reliability
Characteristics
Fundamental
structure
Recommended
soldering
condition
Packing
specifications
(Radial lead type)
Packing
specifications
(SMD type)
Products list
Image of
case size
Series system
diagram
Guidelines and
precautions
OS-CON
Line-up
Guidelines and
precautions
POSCAP
Line-up
Catalog Deletion and
EOL models
Surface mount type
Technical data
Selection guide
Radial lead
type
Series
Specifications
SEQP series characteristics list
SEQP
RoHS directive/Halogen-free compliant
High voltage(32V)
Endurance:125℃ 1,000h, 105℃ 5,000h
Frequency coefficient for ripple current
Frequency
Coefficient
120Hz≦ f <1kHz
0.05
1kHz≦ f <10kHz
0.3
10kHz≦ f <100kHz
0.7
100kHz≦ f ≦500kHz
1
Marking and dimensions
Size list
RV : Rated voltage
RV
μF
4.0
6.3
10
16
20
32
6.8
15
18
22
39
47
56
68
82
100
120
150
180
270
330
470
560
680
820
1,200
C6
E7
E12
F8
F13
C6
E7
F8
E12
F13
C6
E7
F8
E12
F13
C6
E7
F8
E12
F13
C6
E7
F8
E12
F13
E7
F8
E12
C6
E7
F8
E12
F13
6.3
8.0
10.0
8.0
10.0
L max
F
6.0
7.0
8.0
12.0
13.0
φd ±0.05
2.5±0.5
3.5±0.5
5.0±0.5
3.5±0.5
5.0±0.5
(unit : mm)
φD ±0.5
Size
code
0.45
0.45
0.50
0.60
0.60
φd
L
15min.
4min.
19min.
(+)
003
SEQP
15
32
Case No.
Polarity marking
(Cathode)
Series
(SEQP)
Rated capacitance
Rated voltage
※1 In case of some problems for measured values, measure after applying rated voltage for 120 minutes at 125℃.
※2 Please refer to page 25 for flow soldering conditions.
Endurance
Characteristics of impedance
ratio at high temp.
and low temp.
Damp heat(Steady state)
Resistance to soldering heat※2
△C/C
DF
ESR
LC
△C/C
DF
ESR
LC
△C/C
DF
ESR
LC
−55℃
+125℃
Z/Z20℃
Z/Z20℃
−55 to +125
M : ±20
Please see the attached characteristics list
Please see the attached characteristics list
Please see the attached characteristics list
4.0
5.2
6.3
8.4
10
12
16
18
20
23
32
37
Specifications
Items
Rated voltage
Surge voltage
Category temperature range
Capacitance tolerance
Dissipation Factor (DF)
Leakage current※1
Equivalent series resistance (ESR)
(V)
(V)
(℃)
(%)
125℃, 1,000h,
105℃, 5,000h,
Rated voltage applied
Based the value at
100kHz, +20℃
60℃, 90 to 95%RH,
1,000h,
No-applied voltage
Flow method
(260±5℃ X 10s)
Condition
Room temperature
120Hz/20℃
120Hz/20℃
Rated voltage applied, after 2 minutes
100kHz to 300kHz/20℃
0.75 to 1.25
0.75 to 1.25
Within ±20% of the initial value
Within 2 times of the initial limit
Within 2 times of the initial limit
Within the initial limit
Within ±20% of the initial value
Within 1.5 times of the initial limit
Within 1.5 times of the initial limit
Within the initial limit (after voltage processing)
Within ±5% of the initial value
Within the initial limit
Within the initial limit
Within the initial limit (after voltage processing)
※1 Tx : Ambient temperature
C6
E7
F8
E12
F13
20SEQP22M
16SEQP39M
10SEQP56M
6SEQP82M
4SEQP150M
32SEQP6R8M
20SEQP47M
16SEQP82M
10SEQP120M
6SEQP150M
4SEQP330M
32SEQP15M
20SEQP68M
16SEQP150M
10SEQP270M
6SEQP330M
4SEQP680M
32SEQP18M
20SEQP100M
16SEQP180M
10SEQP330M
6SEQP470M
4SEQP560M
20SEQP150M
16SEQP330M
10SEQP560M
6SEQP820M
4SEQP1200M
20
16
10
6.3
4.0
32
20
16
10
6.3
4.0
32
20
16
10
6.3
4.0
32
20
16
10
6.3
4.0
20
16
10
6.3
4.0
22
39
56
82
150
6.8
47
82
120
150
330
15
68
150
270
330
680
18
100
180
330
470
560
150
330
560
820
1200
60
50
45
45
40
100
45
40
35
35
35
80
40
30
25
25
25
50
24
20
17
15
13
20
16
13
12
12
458
512
537
537
572
440
598
670
810
810
810
560
759
955
1170
1170
1170
790
1050
1151
1250
1332
1430
1367
1493
1655
1721
1721
1450
1620
1700
1700
1810
1400
1890
2120
2560
2560
2560
1800
2400
3020
3700
3700
3700
2500
3320
3640
3950
4210
4520
4320
4720
5230
5440
5440
10
10
12
12
12
10
12
12
12
12
12
10
12
12
12
12
12
12
15
15
15
15
15
15
15
15
15
18
220
312
280
258
300
44
470
656
600
472
660
96
272
480
540
416
544
115
400
576
660
592
448
600
792
840
775
960
Size
code
ESR(mΩ) (max)
100kHz to 300kHz/20℃
100kHz(mArms)
105℃<Tx≦125℃※1 Tx≦105℃※1
DF
(% max)
Rated
voltage
(V)
Rated
capacitance
(μF)
Leakage current
(μA)(max)
After 2 minutes
Rated ripple current Allowable ripple current
Part number


Similar Part No. - 10SEQP56M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
10SEQP56M PANASONIC-10SEQP56M Datasheet
527Kb / 9P
   Conductive Polymer Aluminum Solid Capacitors
More results

Similar Description - 10SEQP56M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
   RoHS directive Halogen-Free Compliant
logo
List of Unclassifed Man...
20SVPA10M ETC2-20SVPA10M Datasheet
66Kb / 2P
   RoHS directive/Halogen-free compliant
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com