Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20SVPA47M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 20SVPA47M
Description  RoHS directive/Halogen-free compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

20SVPA47M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  20SVPA47M Datasheet HTML 1Page - List of Unclassifed Manufacturers 20SVPA47M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
47
48
OS-CON
Line-up
Guidelines and
precautions
Series system
diagram
Recommended
soldering
condition
Fundamental
structure
Characteristics
Reliability
Catalog Deletion and
EOL series
SXV
SVPG
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SXE
SEPF
SEPC
SEQP
SEP
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
POSCAP
Line-up
Guidelines and
precautions
Catalog Deletion and
EOL models
Selection guide
Technical data
Surface mount type
Catalog Deletion and
EOL series
SEP
SEQP
SEPC
SEPF
SXE
SXV
SVPG
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
Reliability
Characteristics
Fundamental
structure
Recommended
soldering
condition
Packing
specifications
(Radial lead type)
Packing
specifications
(SMD type)
Products list
Image of
case size
Series system
diagram
Guidelines and
precautions
OS-CON
Line-up
Guidelines and
precautions
POSCAP
Line-up
Catalog Deletion and
EOL models
Surface mount type
Technical data
Selection guide
Surface
mount type
Series
Specifications
SVPA series characteristics list
SVPA
RoHS directive/Halogen-free compliant
Low ESR 18mΩ
High rated ripple current(4,240mArms)
Frequency coefficient for ripple current
Frequency
Coefficient
120Hz≦ f <1kHz
0.05
1kHz≦ f <10kHz
0.3
10kHz≦ f <100kHz
0.7
100kHz≦ f ≦500kHz
1
Marking and dimensions
Size list
RV : Rated voltage
※1 In case of some problems for measured values, measure after applying rated voltage for 120 minutes at 105℃.
※2 Please refer to page 25 for reflow soldering conditions.
Endurance
Characteristics of impedance
ratio at high temp.
and low temp.
Damp heat(Steady state)
Resistance to soldering heat※2
△C/C
DF
ESR
LC
△C/C
DF
ESR
LC
△C/C
DF
ESR
LC
−55℃
+105℃
Z/Z20℃
Z/Z20℃
−55 to +105
M : ±20
Please see the attached characteristics list
Please see the attached characteristics list
Please see the attached characteristics list
2.5
3.3
4.0
5.2
6.3
8.2
10
12
16
18
20
23
Specifications
Items
Rated voltage
Surge voltage
Category temperature range
Capacitance tolerance
Dissipation Factor (DF)
Leakage current※1
Equivalent series resistance (ESR)
(V)
(V)
(℃)
(%)
105℃, 2,000h,
Rated voltage applied
Based the value at
100kHz, +20℃
60℃, 90 to 95%RH,
1,000h,
No-applied voltage
VPS (230℃ X 75s)
Condition
Room temperature
120Hz/20℃
120Hz/20℃
Rated voltage applied, after 2 minutes
100kHz/20℃
0.75 to 1.25
0.75 to 1.25
Within ±20% of the initial value
Within 1.5 times of the initial limit
Within 1.5 times of the initial limit
Within the initial limit
Within ±20% of the initial value
Within 1.5 times of the initial limit
Within 1.5 times of the initial limit
Within the initial limit (after voltage processing)
Within ±10% of the initial value
Within 1.3 times of the initial limit
Within 1.3 times of the initial limit
Within the initial limit (after voltage processing)
(unit : mm)
φD ±0.5
W ±0.2 H ±0.2 C ±0.2 R P ±0.2
Size
code
L +0.1
−0.4
B6
C6
E7
F8
5.0
6.3
8.0
10.0
5.9
5.9
6.9
7.9
5.3
6.6
8.3
10.3
5.3
6.6
8.3
10.3
6.0
7.3
9.0
11.0
0.6∼0.8
0.6∼0.8
0.6∼0.8
0.6∼0.8
1.4
2.1
3.2
4.6
L
R
W
0.2max
(+)
003
SVPA
47
20
Case No.
Polarity marking
(Cathode)
Series
Rated capacitance
Rated voltage
B6, C6 size is
PA, E7, F8
size is
RV
μF
2.5
4.0
6.3
10
16
10
22
39
47
68
82
120
150
180
220
270
330
470
680
820
B6
C6
E7
F8
B6
C6
E7
F8
B6
C6
E7
F8
C6
E7
F8
C6
E7
F8
20
B6
C6
E7
Recommended land pattern dimension of PWB
Size code
B6
C6
E7
F8
a
b
c
1.4
2.1
2.8
4.3
7.4
9.1
11.1
13.1
1.6
1.6
1.9
1.9
unit : mm
a
b
※1 The ESR value at 300kHz is a reference one.
B6
20SVPA10M
6SVPA47MAA
4SVPA68MAA
2R5SVPA82MAA
20SVPA22M
16SVPA39MAA
16SVPA39MAAY
10SVPA68MAA
6SVPA120MAA
4SVPA150MAA
2R5SVPA180MAA
20SVPA47M
16SVPA82MAA
10SVPA150MAA
6SVPA220MAA
4SVPA270MAA
2R5SVPA330MAA
16SVPA180M
10SVPA330M
6SVPA470M
4SVPA680M
2R5SVPA820M
20
6.3
4.0
2.5
20
16
16
10
6.3
4.0
2.5
20
16
10
6.3
4.0
2.5
16
10
6.3
4.0
2.5
10
47
68
82
22
39
39
68
120
150
180
47
82
150
220
270
330
180
330
470
680
820
40
30
30
30
35
35
24
30
22
22
20
33
30
30
22
22
20
29
24
20
20
19
35
26
26
26
31
31
20
26
19
19
18
29
25
25
19
19
18
28
23
19
19
18
1700
1970
1970
1970
2040
2040
2460
2200
2570
2570
2690
2630
2760
2760
3220
3220
3370
3430
3770
4130
4130
4240
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
80
300
300
300
88
300
300
300
300
300
300
188
262
500
500
500
500
576
660
592
544
500
Size
code
ESR (mΩ) (max)
100kHz/20℃ 300kHz/20℃※1
C6
E7
F8
Rated
ripple current
100kHz (mArms) at 105℃
DF
(% max)
Rated
voltage
(V)
Rated
capacitance
(μF)
Leakage current
(μA)(max)
After 2 minutes
Part number


Similar Part No. - 20SVPA47M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
20SVP100M SANYO-20SVP100M Datasheet
81Kb / 2P
   4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
20SVP100M PANASONIC-20SVP100M Datasheet
52Kb / 2P
   Surface Mount Type
logo
Fujitsu Component Limit...
20SVP10M FUJITSU-20SVP10M Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Sanyo Semicon Device
20SVP10M SANYO-20SVP10M Datasheet
81Kb / 2P
   4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
20SVP10M PANASONIC-20SVP10M Datasheet
52Kb / 2P
   Surface Mount Type
More results

Similar Description - 20SVPA47M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
   RoHS directive Halogen-Free Compliant
logo
List of Unclassifed Man...
20SEQP22M ETC2-20SEQP22M Datasheet
81Kb / 2P
   RoHS directive/Halogen-free compliant
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com