Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD-320 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # LD-320
Description  32 Industrial Open Frame LCD Monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

LD-320 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  LD-320 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32" Industrial Open Frame LCD Monitor
Features
Flexible, low cost and high performance
For kiosk, gaming, amusement, digital signage application
31.5" 16:9 WUXGA TFT LCD display
Premium MVA with wide-view angle
VESA mount
Specifications
Size
32" (16:9)
Signal input
VGA, DVI-I
Backlight
LED (30K hours)
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
Premium MVA
AC input
100~240Vac, 1A
Pixel pitch
0.36375 mm
Inrush current
30A (cold start)
Active area
698.4x392.85 mm
Consumption
60W
Brightness
350 cd/m2
Management
VESA DPMS
Contrast
3000 : 1
Mounting
200x200mm VESA mount
Viewing angle
178 / 178 degree
Dimension
763.4 (W) x 453.4 (H) x 106.4 (D) mm
Resolution
1920 x 1080
Net weight
G.W : 13 Kg
N.W : 11 Kg
Display color
16.7M (8 bit)
Packing
1 pcs / carton
Response time
6.5 mS (gray-gray)
Carton size
Hor. frequency
30 ~ 86 KHz
Container loading
Ver. frequency
60/70 Hz
Operation *
0 ~ 50 degree C
Pixel rate
165 MHz
Storage
-30 ~ 70 degree C
* Temperature of LCD surface
Ordering information
Model selection
X: Panel selection
Y: Input selection
Z: Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G: Glass
B:
Specified LCD
H: VGA/DVI/HDMI
P:
Projective capacitive
…etc. Specified LCD
P:
DVI/HDMI/DP
I :
IR
S:
VGA/DVI/S-video
S:
SAW
Optional accessories
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing
* All specification and photos are subject to change without notice.
LD-320-XYZ
LD-320
LCD panel
Power
Package
Video
Temperature


Similar Part No. - LD-320

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LD-300CBG2-C5 CREE-LD-300CBG2-C5 Datasheet
310Kb / 5P
   Mini-Dorado LED
LD-300CBGL2-C5 CREE-LD-300CBGL2-C5 Datasheet
325Kb / 5P
   Mini-Dorado LED
logo
Marktech Corporate
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LD-300CPG2-C5 CREE-LD-300CPG2-C5 Datasheet
316Kb / 5P
   Mini-Dorado LED
logo
Marktech Corporate
LD-300CPG2-C5-MT MARKTECH-LD-300CPG2-C5-MT Datasheet
119Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

Similar Description - LD-320

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-550 AXIOMTEK-LD-550 Datasheet
116Kb / 1P
   55 Industrial Open Frame LCD Monitor
LD-104 AXIOMTEK-LD-104 Datasheet
126Kb / 1P
   10.4 Industrial Open Frame LCD Monitor
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
LD-185 AXIOMTEK-LD-185 Datasheet
135Kb / 1P
   18.5 Industrial Open Frame LCD Monitor
LD-190 AXIOMTEK-LD-190 Datasheet
133Kb / 1P
   19 Industrial Open Frame LCD Monitor
LD-270 AXIOMTEK-LD-270 Datasheet
117Kb / 1P
   27 Industrial Open Frame LCD Monitor
LD-084 AXIOMTEK-LD-084 Datasheet
198Kb / 1P
   8.4 Industrial Open Frame LCD Monitor
LD-150 AXIOMTEK-LD-150 Datasheet
132Kb / 1P
   15 Industrial Open Frame LCD Monitor
LD-215 AXIOMTEK-LD-215 Datasheet
133Kb / 1P
   21.5 Industrial Open Frame LCD Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com