Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMW401VSN471MR35S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EKMW401VSN471MR35S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMW401VSN471MR35S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EKMW401VSN471MR35S Datasheet HTML 1Page - List of Unclassifed Manufacturers EKMW401VSN471MR35S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized snap-ins, 105
KMW
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105℃, 120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105℃, 120Hz)
Part No.
400
150
22
×25
0.15
0.91
EKMW401VSN151MP25S
420
330
35
×25
0.20
1.38
EKMW421VSN331MA25S
180
22
×30
0.15
1.04
EKMW401VSN181MP30S
390
25.4
×45
0.20
1.67
EKMW421VSN391MQ45S
220
22
×35
0.15
1.18
EKMW401VSN221MP35S
390
25.4
×50
0.20
1.70
EKMW421VSN391MQ50S
220
25.4
×25
0.15
1.15
EKMW401VSN221MQ25S
390
30
×35
0.20
1.59
EKMW421VSN391MR35S
270
25.4
×30
0.15
1.31
EKMW401VSN271MQ30S
470
30
×40
0.20
1.79
EKMW421VSN471MR40S
330
22
×45
0.15
1.50
EKMW401VSN331MP45S
470
35
×30
0.20
1.67
EKMW421VSN471MA30S
330
25.4
×35
0.15
1.51
EKMW401VSN331MQ35S
560
30
×45
0.20
2.01
EKMW421VSN561MR45S
330
30
×25
0.15
1.46
EKMW401VSN331MR25S
560
35
×35
0.20
1.85
EKMW421VSN561MA35S
390
22
×50
0.15
1.67
EKMW401VSN391MP50S
680
35
×40
0.20
2.11
EKMW421VSN681MA40S
390
25.4
×40
0.15
1.67
EKMW401VSN391MQ40S
450
120
22
×25
0.20
0.78
EKMW451VSN121MP25S
390
30
×30
0.15
1.61
EKMW401VSN391MR30S
150
22
×30
0.20
0.91
EKMW451VSN151MP30S
390
35
×25
0.15
1.40
EKMW401VSN391MA25S
150
25.4
×25
0.20
0.93
EKMW451VSN151MQ25S
470
25.4
×45
0.15
1.87
EKMW401VSN471MQ45S
180
22
×35
0.20
1.02
EKMW451VSN181MP35S
470
30
×35
0.15
1.81
EKMW401VSN471MR35S
180
25.4
×30
0.20
1.05
EKMW451VSN181MQ30S
560
30
×40
0.15
2.03
EKMW401VSN561MR40S
220
22
×40
0.20
1.15
EKMW451VSN221MP40S
560
35
×30
0.15
1.70
EKMW401VSN561MA30S
220
25.4
×35
0.20
1.21
EKMW451VSN221MQ35S
680
30
×45
0.15
2.29
EKMW401VSN681MR45S
220
30
×25
0.20
1.15
EKMW451VSN221MR25S
680
30
×50
0.15
2.33
EKMW401VSN681MR50S
270
22
×50
0.20
1.36
EKMW451VSN271MP50S
680
35
×35
0.15
1.90
EKMW401VSN681MA35S
270
25.4
×40
0.20
1.36
EKMW451VSN271MQ40S
820
35
×40
0.15
2.16
EKMW401VSN821MA40S
270
30
×30
0.20
1.29
EKMW451VSN271MR30S
1,000
35
×50
0.15
2.50
EKMW401VSN102MA50S
330
25.4
×45
0.20
1.54
EKMW451VSN331MQ45S
420
120
22
×25
0.20
0.78
EKMW421VSN121MP25S
330
30
×35
0.20
1.46
EKMW451VSN331MR35S
150
22
×30
0.20
0.91
EKMW421VSN151MP30S
390
25.4
×50
0.20
1.70
EKMW451VSN391MQ50S
180
25.4
×25
0.20
1.02
EKMW421VSN181MQ25S
390
30
×40
0.20
1.63
EKMW451VSN391MR40S
220
25.4
×30
0.20
1.16
EKMW421VSN221MQ30S
390
35
×30
0.20
1.52
EKMW451VSN391MA30S
270
22
×45
0.20
1.30
EKMW421VSN271MP45S
470
30
×45
0.20
1.85
EKMW451VSN471MR45S
270
25.4
×35
0.20
1.34
EKMW421VSN271MQ35S
470
35
×35
0.20
1.77
EKMW451VSN471MA35S
270
30
×25
0.20
1.28
EKMW421VSN271MR25S
560
30
×50
0.20
2.04
EKMW451VSN561MR50S
330
22
×50
0.20
1.47
EKMW421VSN331MP50S
560
35
×40
0.20
2.02
EKMW451VSN561MA40S
330
25.4
×40
0.20
1.51
EKMW421VSN331MQ40S
680
35
×45
0.20
2.16
EKMW451VSN681MA45S
330
30
×30
0.20
1.43
EKMW421VSN331MR30S
820
35
×50
0.20
2.42
EKMW451VSN821MA50S
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
50
120
300
1k
10k
50k
400 to 450Vdc
0.77
1.00
1.16
1.30
1.41
1.43
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
231
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMW401VSN471MR35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMW401VSN471MR35S CHEMI-CON-EKMW401VSN471MR35S Datasheet
366Kb / 2P
   KMWSeries
More results

Similar Description - EKMW401VSN471MR35S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com