Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMT451VSN271MQ50S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EKMT451VSN271MQ50S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMT451VSN271MQ50S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EKMT451VSN271MQ50S Datasheet HTML 1Page - List of Unclassifed Manufacturers EKMT451VSN271MQ50S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High ripple snap-ins, 105
KMT
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105℃, 120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105℃, 120Hz)
Part No.
420
100
22
×25
0.20
0.89
EKMT421VSN101MP25S
450
82
22
×25
0.20
0.81
EKMT451VSN820MP25S
120
22
×30
0.20
1.06
EKMT421VSN121MP30S
100
22
×30
0.20
0.97
EKMT451VSN101MP30S
120
25.4
×25
0.20
1.09
EKMT421VSN121MQ25S
100
25.4
×25
0.20
1.04
EKMT451VSN101MQ25S
150
22
×35
0.20
1.21
EKMT421VSN151MP35S
120
22
×35
0.20
1.08
EKMT451VSN121MP35S
180
22
×40
0.20
1.34
EKMT421VSN181MP40S
150
22
×40
0.20
1.22
EKMT451VSN151MP40S
180
25.4
×30
0.20
1.28
EKMT421VSN181MQ30S
150
25.4
×35
0.20
1.31
EKMT451VSN151MQ35S
180
30
×25
0.20
1.42
EKMT421VSN181MR25S
150
30
×25
0.20
1.31
EKMT451VSN151MR25S
220
22
×45
0.20
1.47
EKMT421VSN221MP45S
180
22
×45
0.20
1.35
EKMT451VSN181MP45S
220
22
×50
0.20
1.60
EKMT421VSN221MP50S
180
22
×50
0.20
1.42
EKMT451VSN181MP50S
220
25.4
×35
0.20
1.47
EKMT421VSN221MQ35S
180
25.4
×40
0.20
1.35
EKMT451VSN181MQ40S
220
30
×30
0.20
1.64
EKMT421VSN221MR30S
180
30
×30
0.20
1.49
EKMT451VSN181MR30S
220
35
×25
0.20
1.64
EKMT421VSN221MA25S
180
35
×25
0.20
1.60
EKMT451VSN181MA25S
270
25.4
×40
0.20
1.63
EKMT421VSN271MQ40S
220
25.4
×45
0.20
1.55
EKMT451VSN221MQ45S
270
25.4
×45
0.20
1.79
EKMT421VSN271MQ45S
220
30
×35
0.20
1.71
EKMT451VSN221MR35S
270
30
×35
0.20
1.87
EKMT421VSN271MR35S
270
25.4
×50
0.20
1.74
EKMT451VSN271MQ50S
330
25.4
×50
0.20
1.93
EKMT421VSN331MQ50S
270
30
×40
0.20
1.90
EKMT451VSN271MR40S
330
30
×40
0.20
2.10
EKMT421VSN331MR40S
270
35
×30
0.20
1.90
EKMT451VSN271MA30S
330
35
×30
0.20
2.05
EKMT421VSN331MA30S
330
30
×45
0.20
2.20
EKMT451VSN331MR45S
390
30
×45
0.20
2.32
EKMT421VSN391MR45S
330
35
×35
0.20
2.20
EKMT451VSN331MA35S
390
35
×35
0.20
2.32
EKMT421VSN391MA35S
390
30
×50
0.20
2.40
EKMT451VSN391MR50S
470
30
×50
0.20
2.51
EKMT421VSN471MR50S
390
35
×40
0.20
2.42
EKMT451VSN391MA40S
470
35
×40
0.20
2.62
EKMT421VSN471MA40S
470
35
×45
0.20
2.67
EKMT451VSN471MA45S
560
35
×45
0.20
2.88
EKMT421VSN561MA45S
560
35
×50
0.20
2.85
EKMT451VSN561MA50S
680
35
×50
0.20
3.10
EKMT421VSN681MA50S
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
50
120
300
1k
10k
50k
420, 450Vdc
0.68
1.00
1.16
1.30
1.41
1.43
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
248
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMT451VSN271MQ50S

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-0JF0A018A SICK-EKM36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A020A SICK-EKM36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0B018A SICK-EKM36-0KF0B018A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKMT451VSN271MQ50S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com