Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN805-800B Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # TN805-800B
Description  8A SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TN805-800B Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

  TN805-800B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TN805-800B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TN8, TS8 and TYNx08 Series
9/9
PACKAGE MECHANICAL DATA
TO-220AB (Without notches)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90
0.598
0.625
a1
3.75
0.147
a2
13.00
14.00
0.511
0.551
B
10.00
10.40
0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
I
3.75
3.85
0.147
0.151
I4
15.80
16.40
16.80
0.622
0.646
0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
M
B
l4
C
b2
a2
l2
c2
l3
b1
a1
A
F
L
I
e
c1
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Similar Part No. - TN805-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN805-800B STMICROELECTRONICS-TN805-800B Datasheet
74Kb / 5P
   SCR?셲
logo
Kersemi Electronic Co.,...
TN805-800B KERSEMI-TN805-800B Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TN805-800B-TR STMICROELECTRONICS-TN805-800B-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Similar Description - TN805-800B

ManufacturerPart #DatasheetDescription
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com