Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS820-800B Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # TS820-800B
Description  8A SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TS820-800B Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  TS820-800B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TS820-800B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TN8, TS8 and TYNx08 Series
7/9
PACKAGE MECHANICAL DATA
DPAK (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.251
0.259
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L2
0.80 typ.
0.031 typ.
L4
0.60
1.00
0.023
0.039
R
0.2 typ.
0.007 typ.
V2
R
R
FOOTPRINT DIMENSIONS (in millimeters)
DPAK (Plastic)
6.7
6.7
3
3
1.6
1.6
2.3
2.3
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Similar Part No. - TS820-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820-600 STMICROELECTRONICS-TS820-600 Datasheet
162Kb / 9P
   8A SCRs
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
162Kb / 9P
   8A SCRs
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TS820-600B-TR STMICROELECTRONICS-TS820-600B-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Similar Description - TS820-800B

ManufacturerPart #DatasheetDescription
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com