Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2800D Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # T2800D
Description  Silicon Bidirectional Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

T2800D Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  T2800D Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. T2800D Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. T2800D Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. T2800D Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. T2800D Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T2800D
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TC = 25°C
TC = 100°C
IDRM,
IRRM
10
2.0
µA
mA
ON CHARACTERISTICS
Peak On-State Voltage(1)
(IT = "30 A Peak)
VTM
1.7
2.0
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
IGT
10
20
15
30
25
60
25
60
mA
Gate Trigger Voltage (Continuous dc) (All Quadrants)
(VD = 12 Vdc, RL = 100 Ohms)
VGT
1.25
2.5
Volts
Gate Non–Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 Ohms, TC = 100°C)
VGD
0.2
Volts
Holding Current
(VD = 12 Vdc, Initiating Current = "200 mA, Gate Open)
IH
15
30
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, IT = 10 A, IGT = 80 mA, Rise Time = 0.1 µs)
tgt
1.6
µs
DYNAMIC CHARACTERISTICS
Critical Rate-of-Rise of Commutation Voltage
(VD = Rated VDRM, IT(RMS) = 8 A, Commutating di/dt = 4.1 A/ms,
Gate Unenergized, TC = 80°C)
dv/dt(c)
10
V/
µs
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Voltage Rise,
Gate Open, TC = 100°C)
dv/dt
60
V/
µs
(1) Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.
www.kersemi.com


Similar Part No. - T2800D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
T2800D ONSEMI-T2800D Datasheet
64Kb / 8P
   Silicon Bidirectional Thyristors
February, 2000 ??Rev. 3
T2800D ONSEMI-T2800D Datasheet
53Kb / 4P
   Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
logo
Digitron Semiconductors
T2800D DIGITRON-T2800D Datasheet
145Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2800D NJSEMI-T2800D Datasheet
637Kb / 2P
   Triacs Bidirectional Triode Thyristors
logo
ON Semiconductor
T2800DG ONSEMI-T2800DG Datasheet
53Kb / 4P
   Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
More results

Similar Description - T2800D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com