Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG25D60 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # TG25D60
Description  TRIACS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TG25D60 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  TG25D60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TG25D60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TG25C/E/D
;
Peak Gate Voltage(10V)
Peak
Gate
Power
10W
Gate
Distribution
Ave
ra
ge G
ate
P
ow
er(1
W
−25℃
25℃
125℃
Maximum Gate Voltage that will not trigger any unit
Gate Characteristics
Gate Current(mA)
10
10
10
−1
10
10
10
On-State Voltage
On-State Voltage(V)
10
10
10
On State Current vs.
Maximum Power Dissipation
RMS On-State Current(A)
20
30
40
10
25
35
15
10
20
15
30
25
θ=180゜
θ=150゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
: Conduction Angle
360
2
60
80
100
120
50
70
90
110
130
On State Current vs.
Allowable Case Temperature
RMS On-State Current(A)
10
20
25
30
15
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=150゜
θ=180゜
: Conduction Angle
360
2
15
10
20
25
Ambient temp. vs. RMS On-State Current
Maximum Allowable Ambient Temperature(℃)
20
40
60
80
120
100
140
θ
:150゜
:1.05
θ
:120゜
:1.16
θ
: 90゜
:1.27
θ
: 60゜
:1.44
θ
: 30゜
:1.75
Conduction Angle 180゜
Apply following figures for
different conduction angles
(Rth:heat Sink Thermal Impedance)
F-60 Rth 1 53
Self convection
F-40 Rth 2 95
Self convection
F-40 3m/s
Rth 1 28
F-60 3m/s
Rth 0 65
50
150
100
200
250
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
10
10
10
50Hz
60Hz
Tj=25℃ start
10
ー3
10
ー2
10
ー1
10
10
10
10
10
Time
t(sec)
Transient Thermal Impedance
Junction to case
F-40
Self convection
F-60
Self convection
F-40 3m/s
F-60 3m/s
www.kersemi.com


Similar Part No. - TG25D60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG25D ETC-TG25D Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25D SANREX-TG25D Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
More results

Similar Description - TG25D60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com