Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-80C535-N Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAB-80C535-N
Description  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-80C535-N Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAB-80C535-N Datasheet HTML 5Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 6Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 7Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 8Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 9Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 10Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 11Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 12Page - Infineon Technologies AG SAB-80C535-N Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
SAB 80C515/80C535
Semiconductor Group
8
Pin Definitions and Functions (cont’d)
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function
P3.0-P3.7 21-28
15-22
I/O
Port 3
is an 8-bit bidirectional I/O port with
internal pullup resistors. Port 3 pins that
have1's written to them are pulled high by
the internal pullup resistors, and in that
state can be used as inputs. As inputs,
port 3 pins being externally pulled low will
source current (IIL, in the DC
characteristics) because of the internal
pullup resistors. Port 3 also contains the
interrupt, timer, serial port and external
memory strobe pins that are used by
various options. The output latch
corresponding to a secondary function
must be programmed to a one (1) for that
function to operate. The secondary
functions are assigned to the pins of port
3, as follows:
–R
×D (P3.0): serial port's receiver data
input (asynchronous) or data input/
output (synchronous)
–T
×D (P3.1): serial port's transmitter data
output
(asynchronous) or clock output
(synchronous)
–INT0 (P3.2): interrupt 0 input/timer 0
gate control input
– INT1 (P3.3): interrupt 1 input/timer 1
gate control input
– T0 (P3.4): counter 0 input
– T1 (P3.5): counter 1 input
– WR (P3.6): the write control signal
latches the data byte from port 0 into the
external data memory
– RD (P3.7): the read control signal
enables the external data memory to
port 0


Similar Part No. - SAB-80C535-N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-80C517A-N18 SIEMENS-SAB-80C517A-N18 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - SAB-80C535-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com