Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB83C517A-5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAB83C517A-5
Description  8-Bit CMOS Single-Chip Microcontroller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB83C517A-5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAB83C517A-5 Datasheet HTML 7Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 8Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 9Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 10Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 11Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 12Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 13Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 14Page - Infineon Technologies AG SAB83C517A-5 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
SAB 80C517A/83C517A-5
Semiconductor Group
10
1994-05-01
P1.7 - P1.0 29 - 36
98 - 100,
1, 6 - 9
I/O
Port 1
is a bidirectional I/O port with internal
pull-up resistors. Port 1 pins that have
1 s written to them are pulled high by the
internal pull-up resistors, and in that state
can be used as inputs. As inputs, port 1
pins being externally pulled low will source
current (IIL, in the DC characteristics)
because of the internal pull-up resistors. It
is used for the low order address byte
during program verification. It also contains
the interrupt, timer, clock, capture and
compare pins that are used by various
options. The output latch must be
programmed to a one (1) for that function to
operate (except when used for the compare
functions).
The secondary functions are assigned to
the port 1 pins as follows:
– INT3/CC0 (P1.0): interrupt 3 input/
compare 0 output /capture 0 input
– INT4/CC1 (P1.1): interrupt 4 input /
compare 1 output /capture 1 input
– INT5/CC2 (P1.2): interrupt 5 input /
compare 2 output /capture 2 input
– INT6/CC3 (P1.3): interrupt 6 input /
compare 3 output /capture 3 input
– INT2/CC4 (P1.4): interrupt 2 input /
compare 4 output /capture 4 input
– T2EX (P1.5):
timer 2 external
reload trigger input
– CLKOUT (P1.6):
system clock output
– T2 (P1.7):
counter 2 input
* I = Input
O = Output
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O *) Function
P-LCC-84
P-MQFP-100-2


Similar Part No. - SAB83C517A-5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB83C517A-5 SIEMENS-SAB83C517A-5 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB83C517A-5N18 SIEMENS-SAB83C517A-5N18 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
SAB83C517A-5N18 SIEMENS-SAB83C517A-5N18 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB83C517A-5N18-T3 SIEMENS-SAB83C517A-5N18-T3 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
SAB83C517A-5N18-T3 SIEMENS-SAB83C517A-5N18-T3 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - SAB83C517A-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com