Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDK172-834-R-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # FDK172-834-R-DC
Description  Front panel open frame design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FDK172-834-R-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  FDK172-834-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. FDK172-834-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
668
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
7
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional OS Installation
Dimensions
I/O Connector
4 x RS-232/422/485 (default RS-232 (COM 1/2/3/4)
1 x 10/100/1000Mbps Ethernet
2 x USB 3.0
2 x USB 2.0
1 x Audio (Line-out)
1 x VGA
Expansion Interface
2 x PCIe Mini Card slots
Touchscreen
Resistive type (optional)
Power Supply
1. DC version : 12~36VDC with over-current protection fuse
2. AC version : 100-240V AC-DC 60W power adapter
Dimensions
367 mm (14.45") (W) x 65 mm (2.6") (D)
x 304.5 mm (11.99") (H) (FDK172-834-N, without touch)
367 mm (14.45") (W) x 69.8 mm (2.74") (D)
x 304.5 mm (11.99") (H) (FDK172-834-R, with touch)
Packing Dimensions
510 mm (20.08") (W) x 190 mm (7.48") (D)
x 540 mm (21.26") (H)
Weight (net/gross)
5.52 kg (12.16 lb)/7.5 kg (16.53 lb)
Environment
Operating temperature: 0° ~ +50°C (+32°F ~ +122°F)
Relative humidity: 10% ~ 90% @ 40°C, non-condensing
Certificate
CE
* Specification and certifications are based on options and may vary.
** W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
FDK172-834-R-DC
17" SXGA open frame touch panel computer with Intel®
Celeron® processor J1900, 5-wire resistive touch screen,
and 12~36VDC power input (terminal block connector)
FDK172-834-N-DC
17" SXGA open frame touch panel computer with Intel®
Celeron® processor J1900, 5-wire resistive touch screen,
and 12~36VDC power input (terminal block connector)
* Specification and certifications are based on options and may vary.
WES7
WE8S
Windows® 8 & Windows® 7
Side view
Rear view


Similar Part No. - FDK172-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FDK172-834 AXIOMTEK-FDK172-834_17 Datasheet
426Kb / 2P
   17 SXGA TFT Open Frame Panel Computer with Intel Celeron Processor J1900
More results

Similar Description - FDK172-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FDK170-830 AXIOMTEK-FDK170-830 Datasheet
365Kb / 2P
   Front panel open frame design
FDK191-832 AXIOMTEK-FDK191-832 Datasheet
409Kb / 2P
   Front panel open frame design
FDK190-830 AXIOMTEK-FDK190-830 Datasheet
363Kb / 2P
   Front panel open frame design
FDK150-830 AXIOMTEK-FDK150-830 Datasheet
380Kb / 2P
   Front panel open frame design
logo
BOSER Technology Co., L...
BPC-5017-J BOSER-BPC-5017-J Datasheet
281Kb / 1P
   Aluminum front panel design
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com