Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMS421VSN181MQ30S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EKMS421VSN181MQ30S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMS421VSN181MQ30S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EKMS421VSN181MQ30S Datasheet HTML 1Page - List of Unclassifed Manufacturers EKMS421VSN181MQ30S Datasheet HTML 2Page - List of Unclassifed Manufacturers EKMS421VSN181MQ30S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized snap-ins, 105
KMS
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105℃, 120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105℃, 120Hz)
Part No.
400
390
25.4
×50
0.15
1.66
EKMS401VSN391MQ50S
450
180
25.4
×35
0.20
1.06
EKMS451VSN181MQ35S
390
30
×35
0.15
1.61
EKMS401VSN391MR35S
180
30
×25
0.20
1.06
EKMS451VSN181MR25S
470
30
×40
0.15
1.82
EKMS401VSN471MR40S
220
22
×50
0.20
1.20
EKMS451VSN221MP50S
470
35
×30
0.15
1.85
EKMS401VSN471MA30S
220
25.4
×40
0.20
1.20
EKMS451VSN221MQ40S
560
30
×45
0.15
2.04
EKMS401VSN561MR45S
220
30
×30
0.20
1.18
EKMS451VSN221MR30S
560
30
×50
0.15
2.07
EKMS401VSN561MR50S
220
35
×25
0.20
1.24
EKMS451VSN221MA25S
560
35
×35
0.15
2.05
EKMS401VSN561MA35S
270
25.4
×45
0.20
1.36
EKMS451VSN271MQ45S
680
35
×40
0.15
2.34
EKMS401VSN681MA40S
270
25.4
×50
0.20
1.38
EKMS451VSN271MQ50S
680
35
×45
0.15
2.40
EKMS401VSN681MA45S
270
30
×35
0.20
1.34
EKMS451VSN271MR35S
820
35
×50
0.15
2.69
EKMS401VSN821MA50S
270
35
×30
0.20
1.40
EKMS451VSN271MA30S
420
100
22
×25
0.20
0.70
EKMS421VSN101MP25S
330
30
×40
0.20
1.52
EKMS451VSN331MR40S
120
22
×30
0.20
0.81
EKMS421VSN121MP30S
390
30
×45
0.20
1.70
EKMS451VSN391MR45S
120
25.4
×25
0.20
0.81
EKMS421VSN121MQ25S
390
30
×50
0.20
1.73
EKMS451VSN391MR50S
150
22
×35
0.20
0.93
EKMS421VSN151MP35S
390
35
×35
0.20
1.71
EKMS451VSN391MA35S
180
22
×40
0.20
1.04
EKMS421VSN181MP40S
470
35
×40
0.20
1.95
EKMS451VSN471MA40S
180
25.4
×30
0.20
1.02
EKMS421VSN181MQ30S
470
35
×45
0.20
1.99
EKMS451VSN471MA45S
180
30
×25
0.20
1.06
EKMS421VSN181MR25S
560
35
×50
0.20
2.22
EKMS451VSN561MA50S
220
22
×45
0.20
1.17
EKMS421VSN221MP45S
500
47
22
×25
0.20
0.51
EKMS501VSN470MP25S
220
22
×50
0.20
1.20
EKMS421VSN221MP50S
56
22
×30
0.20
0.58
EKMS501VSN560MP30S
220
25.4
×35
0.20
1.18
EKMS421VSN221MQ35S
68
25.4
×25
0.20
0.65
EKMS501VSN680MQ25S
220
30
×30
0.20
1.18
EKMS421VSN221MR30S
82
22
×35
0.20
0.72
EKMS501VSN820MP35S
270
25.4
×40
0.20
1.33
EKMS421VSN271MQ40S
82
25.4
×30
0.20
0.74
EKMS501VSN820MQ30S
270
25.4
×45
0.20
1.36
EKMS421VSN271MQ45S
100
22
×45
0.20
0.83
EKMS501VSN101MP45S
270
35
×25
0.20
1.38
EKMS421VSN271MA25S
100
30
×25
0.20
0.82
EKMS501VSN101MR25S
330
25.4
×50
0.20
1.52
EKMS421VSN331MQ50S
120
22
×50
0.20
0.93
EKMS501VSN121MP50S
330
30
×35
0.20
1.48
EKMS421VSN331MR35S
120
25.4
×35
0.20
0.93
EKMS501VSN121MQ35S
330
30
×40
0.20
1.52
EKMS421VSN331MR40S
120
30
×30
0.20
0.91
EKMS501VSN121MR30S
330
35
×30
0.20
1.55
EKMS421VSN331MA30S
150
25.4
×45
0.20
1.08
EKMS501VSN151MQ45S
390
30
×45
0.20
1.70
EKMS421VSN391MR45S
150
30
×35
0.20
1.04
EKMS501VSN151MR35S
390
35
×35
0.20
1.71
EKMS421VSN391MA35S
150
35
×25
0.20
0.99
EKMS501VSN151MA25S
470
30
×50
0.20
1.90
EKMS421VSN471MR50S
180
25.4
×50
0.20
1.20
EKMS501VSN181MQ50S
470
35
×40
0.20
1.95
EKMS421VSN471MA40S
180
30
×40
0.20
1.17
EKMS501VSN181MR40S
560
35
×45
0.20
2.17
EKMS421VSN561MA45S
180
35
×30
0.20
1.10
EKMS501VSN181MA30S
680
35
×50
0.20
2.45
EKMS421VSN681MA50S
220
30
×45
0.20
1.33
EKMS501VSN221MR45S
450
82
22
×25
0.20
0.64
EKMS451VSN820MP25S
220
35
×35
0.20
1.23
EKMS501VSN221MA35S
120
22
×30
0.20
0.81
EKMS451VSN121MP30S
270
30
×50
0.20
1.50
EKMS501VSN271MR50S
120
22
×35
0.20
0.83
EKMS451VSN121MP35S
270
35
×40
0.20
1.42
EKMS501VSN271MA40S
120
25.4
×25
0.20
0.81
EKMS451VSN121MQ25S
330
35
×45
0.20
1.60
EKMS501VSN331MA45S
150
22
×40
0.20
0.94
EKMS451VSN151MP40S
390
35
×50
0.20
1.78
EKMS501VSN391MA50S
150
25.4
×30
0.20
0.93
EKMS451VSN151MQ30S
470
35
×60
0.20
2.03
EKMS501VSN471MA60S
180
22
×45
0.20
1.06
EKMS451VSN181MP45S
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
50
120
300
1k
10k
50k
The endurance of capacitors is reduced with internal heating produced by
ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple
current has to be reduced.
160 to 250Vdc
0.81
1.00
1.17
1.32
1.45
1.50
315 to 450Vdc
0.77
1.00
1.16
1.30
1.41
1.43
500Vdc
0.70
1.00
1.16
1.30
1.41
1.43
251
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMS421VSN181MQ30S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMS421 CHEMI-CON-EKMS421 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
More results

Similar Description - EKMS421VSN181MQ30S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com