Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHXB250ARA331MJA0G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HHXB250ARA331MJA0G
Description  CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HHXB250ARA331MJA0G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HHXB250ARA331MJA0G Datasheet HTML 1Page - List of Unclassifed Manufacturers HHXB250ARA331MJA0G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
HXB
Series
・High reliability and high voltage are realized by hybrid electrolyte
・Endurance with ripple current : 5,000 hours at 105℃
・Rated voltage range : 16 to 80Vdc, Capacitance range : 6.8 to 470μF
・For high reliability applications.
(Automotive equipment, Base station equipment, etc.)
・RoHS Compliant
・Halogen Free
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-55 to +105
Rated Voltage Range
16 to 80Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Leakage Current
I=0.01CV
Where, I : Max. leakage current (
μA),C: Nominal capacitance(μF),V : Rated voltage(V)
(at 20
℃ after 2 minutes)
Dissipation Factor
(tanδ)
Rated voltage(Vdc)
16V
25V
35V
50V
63V
80V
(at 20
℃, 120Hz)
tan
δ(Max.)
0.16
0.14
0.12
0.10
0.08
0.08
Low Temperature
Characteristics
(Max. Impedance Ratio)
Z(-25
℃)/Z(+20℃)≦1.5
Z(-55
℃)/Z(+20℃)≦2.0
(at 100kHz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105
℃.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦ 200% of the initial specified value
ESR
≦ 200% of the initial specified value
Leakage current
≦ The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105 ℃
without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of JIS
C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦ 200% of the initial specified value
ESR
≦ 200% of the initial specified value
Leakage current
≦ The initial specified value
◆DIMENSIONS [mm]
0.3max.
W
Size Code
F61
F80
HA0
JA0
φD
6.3
6.3
8
10
L
5.8
7.7
10.0
10.0
A
6.6
6.6
8.3
10.3
B
6.6
6.6
8.3
10.3
C
7.2
7.2
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.9
1.9
3.1
4.5
Terminal Code : A
A
±0.2
L
±0.3 (Note)
Note : L
±0.5 for HA0 and JA0
Vent for JA0
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Taping code
Terminal code
Voltage code (ex. 35V:350, 50V:500)
Series code
Category
H H X B
A R A
G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Capacitance code (ex. 47
µF:470, 100µF:101)
Please refer to "Product code guide (conductive polymer type)"
New!
Higher temperature
HXB
HXA P70
◆MARKING
26A
47
V HB
EX) 35V47
µF
Rated Voltage Symbol
Rated voltage (Vdc)
16
25
35
50
63
80
Symbol
C
E
V
H
J
K
72
CAT. No. E1001P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
Surface Mount


Similar Part No. - HHXB250ARA331MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXB250ARA101MF80G CHEMI-CON-HHXB250ARA101MF80G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB250ARA470MF61G CHEMI-CON-HHXB250ARA470MF61G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB250ARA560MF61G CHEMI-CON-HHXB250ARA560MF61G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB250ARA680MF80G CHEMI-CON-HHXB250ARA680MF80G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - HHXB250ARA331MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com