Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXS421VSN471MR50S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ELXS421VSN471MR50S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ELXS421VSN471MR50S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ELXS421VSN471MR50S Datasheet HTML 1Page - List of Unclassifed Manufacturers ELXS421VSN471MR50S Datasheet HTML 2Page - List of Unclassifed Manufacturers ELXS421VSN471MR50S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXS
Series
・For solar power generation
・Endurance with ripple current : 5,000 hours at 105℃
・Rated voltage range : 160 to 500V
・Downsized from LXQ series
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-25 to +105
Rated Voltage Range
160 to 500Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Leakage Current
I
≦3 CV
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 20
℃ after 5 minutes)
Dissipation Factor
(tanδ)
Rated voltage (Vdc)
160 to 400V
420 to 500V
(at 20
℃, 120Hz)
tan
δ (Max.)
0.15
0.20
Low Temperature
Characteristics
(Max. Impedance Ratio)
Rated voltage (Vdc)
160 to 400V
420 to 500V
Z(-25
℃)/Z(+20℃)
4
8
(at 120Hz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105
℃.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value (500Vdc : ≦ 250%)
Leakage current
≦The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±15% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
◆DIMENSIONS [mm]
Terminal Code : LI (
φ30,φ35)
Vent
4.5
±1
L
±2.5
Negative mark
Sleeve (PET : Brown)
2-1.2
×6
5
±0.5
14.2
±1
Terminal Code : VS (
φ22 to φ35) : Standard
4.0
±0.5
Vent
L
±2.5
Negative mark
Sleeve (PET : Brown)
2-
φ2
The standard design has no plastic disc.
PC board pin-out
(View from Solder side)
PC board pin-out
(View from Solder side)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 330
µF:331, 2,200µF:222)
Dummy terminal code
Terminal code
Voltage code (ex. 160V:161, 315V:3B1, 450V:451)
Series code
Category
E L X S
V S N
S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
Downsized
Higher ripple
Longer life
LXS
LXQ P270
LXM P264
267
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXS421VSN471MR50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXS421VSN471MR50S CHEMI-CON-ELXS421VSN471MR50S Datasheet
426Kb / 3P
   Long life snap-ins, 105?
More results

Similar Description - ELXS421VSN471MR50S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com