Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHXB350ARA101MHA0G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HHXB350ARA101MHA0G
Description  CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HHXB350ARA101MHA0G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HHXB350ARA101MHA0G Datasheet HTML 1Page - List of Unclassifed Manufacturers HHXB350ARA101MHA0G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
HXB
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Size code
ESR
(mΩmax./20℃, 100kHz)
Rated ripple current
(mArms/105℃, 100kHz)
Part No.
16
82
F61
45
1,600
HHXB160ARA820MF61G
150
F80
27
2,200
HHXB160ARA151MF80G
270
HA0
22
2,500
HHXB160ARA271MHA0G
470
JA0
18
2,600
HHXB160ARA471MJA0G
25
47
F61
50
1,300
HHXB250ARA470MF61G
56
F61
50
1,300
HHXB250ARA560MF61G
68
F80
30
2,000
HHXB250ARA680MF80G
100
F80
30
2,000
HHXB250ARA101MF80G
150
HA0
27
2,300
HHXB250ARA151MHA0G
220
HA0
27
2,300
HHXB250ARA221MHA0G
270
JA0
20
2,500
HHXB250ARA271MJA0G
330
JA0
20
2,500
HHXB250ARA331MJA0G
35
27
F61
60
1,300
HHXB350ARA270MF61G
47
F61
60
1,300
HHXB350ARA470MF61G
47
F80
35
2,000
HHXB350ARA470MF80G
68
F80
35
2,000
HHXB350ARA680MF80G
100
HA0
27
2,300
HHXB350ARA101MHA0G
150
HA0
27
2,300
HHXB350ARA151MHA0G
150
JA0
20
2,500
HHXB350ARA151MJA0G
270
JA0
20
2,500
HHXB350ARA271MJA0G
50
10
F61
80
1,100
HHXB500ARA100MF61G
15
F80
40
1,600
HHXB500ARA150MF80G
22
F61
80
1,100
HHXB500ARA220MF61G
33
F80
40
1,600
HHXB500ARA330MF80G
33
HA0
30
1,800
HHXB500ARA330MHA0G
47
HA0
30
1,800
HHXB500ARA470MHA0G
56
JA0
25
2,000
HHXB500ARA560MJA0G
68
HA0
30
1,800
HHXB500ARA680MHA0G
100
JA0
25
2,000
HHXB500ARA101MJA0G
63
6.8
F61
120
1,000
HHXB630ARA6R8MF61G
10
F61
120
1,000
HHXB630ARA100MF61G
10
F80
80
1,500
HHXB630ARA100MF80G
22
F80
80
1,500
HHXB630ARA220MF80G
22
HA0
40
1,600
HHXB630ARA220MHA0G
33
HA0
40
1,600
HHXB630ARA330MHA0G
33
JA0
30
1,800
HHXB630ARA330MJA0G
56
JA0
30
1,800
HHXB630ARA560MJA0G
80
22
HA0
45
1,600
HHXB800ARA220MHA0G
39
JA0
35
1,700
HHXB800ARA390MJA0G
New!
73
CAT. No. E1001P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
Surface Mount


Similar Part No. - HHXB350ARA101MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXB350ARA270MF61G CHEMI-CON-HHXB350ARA270MF61G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB350ARA470MF61G CHEMI-CON-HHXB350ARA470MF61G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB350ARA470MF80G CHEMI-CON-HHXB350ARA470MF80G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB350ARA680MF80G CHEMI-CON-HHXB350ARA680MF80G Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - HHXB350ARA101MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com