Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG05C60 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # SMG05C60
Description  Thyristor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SMG05C60 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  SMG05C60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SMG05C60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SMG05C60 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMG05C60
Gate Characteristics
Gate Current(mA)
0.
10
0.01
0.1
100
1000
VFGM
(6V)
PGM
(0.5W)
VGD(0.2V)
PG(AV)
(0.1W)
25℃
On-State Voltage(MAX)
On-State Voltage(V)
0.5
1.5
2.5
3.5
0.1
10
j=25℃
j=125℃
Average On-State Current(A)
0.5
0.4
0.3
0.2
0.1
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45
Average On-State Current vs Power
Dissipation(Single phase half wave)
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=180゜
360゜
θ
θ
:Conduction Angle
π
Average On-State Current(A)
30
130
120
110
100
90
80
70
60
50
40
0.1
0.2
0.3
0.4
0.5
0.6
Average On-State Current vs Ambient
Temperature(Single phase half wave)
θ=30゜
θ=60゜ θ=90゜ θ=120゜ θ=180゜
360゜
θ
θ
:Conduction Angle
π
Time(Cycles)
140
120
100
80
60
40
20
10
100
Surge On-State Current Rating(Non-Repetitive)
60Hz
50Hz
Time(sec.)
1000
100
10
0.001
0.01
0.1
10
100
1000
Maximum Transient Thermal
Impedance Characteristics
Junction Temp.(℃)
10
100
1000
−50
−25
25
50
75
100
125
IGT −Tj[Change Rate]
(Typical)
Junction Temp.(℃)
0.5
0.4
0.9
0.3
0.8
0.2
0.7
0.1
0.6
−50
−25
25
50
75
100
125
VGT −Tj(Typical)
www.kersemi.com


Similar Part No. - SMG05C60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SMG05C60 SANREX-SMG05C60 Datasheet
468Kb / 3P
   THYRISTOR(Through Hole)
SMG05C60A SANREX-SMG05C60A Datasheet
459Kb / 2P
   THYRISTOR(Surface Mount Device/Non-isolated)
logo
Kersemi Electronic Co.,...
SMG05C60A KERSEMI-SMG05C60A Datasheet
835Kb / 2P
   Thyristor
More results

Similar Description - SMG05C60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com