Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBH92344P-FSAN Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SBH92344P-FSAN
Description  High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBH92344P-FSAN Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SBH92344P-FSAN Datasheet HTML 4Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 5Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 6Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 7Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 8Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 9Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 10Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 11Page - Infineon Technologies AG SBH92344P-FSAN Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SBH92344x-FSAN
Technical Data
Data Sheet
8
2002-05-28
Characteristics for Pin-Preamp-Receivers at
T
A = 25°C, unless otherwise specified.
Receiver Diode Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
max.
Spectral sensitivity,
V
R = 5 V, l = 1310 nm
S
rec
0.65
1
A/W
Rise and fall time (10%–90%)
R
L = 50 W, VR = 5 V
t
r; tf
0.5
ns
Total capacitance
V
R = 5 V, Popt = 0, f = 1 MHz
C
1.5
pF
Dark current,
V
R = 5 V, Popt = 0
I
D
50
nA
Preamp Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
DC-Characteristics
Supply Voltage
V
CC
4.5
5
6
V
Supply Current
I
CC
25
26
mA
AC-Characteristics
Optical Sensitivity
(BER
ˆ 10–10, PN7)
S
–33
–36
dBm
Linear Bandwidth (–3 dB)
BW
180
240
MHz
Optical overload (average)
P
max
–7
–5dBm
Transimpedance (single ended)
R
T
810
12
k
W
Output resistance
(single ended)
R
out
40
50
60
W
Noise current density
3
pa/
»Hz
Gain (differential)
G
10
16
24
mV/µW


Similar Part No. - SBH92344P-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92314N-FSAN INFINEON-SBH92314N-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92314P-FSAN INFINEON-SBH92314P-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92314Z-FSAN INFINEON-SBH92314Z-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results

Similar Description - SBH92344P-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com