Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBM52414Z Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SBM52414Z
Description  Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBM52414Z Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SBM52414Z Datasheet HTML 3Page - Infineon Technologies AG SBM52414Z Datasheet HTML 4Page - Infineon Technologies AG SBM52414Z Datasheet HTML 5Page - Infineon Technologies AG SBM52414Z Datasheet HTML 6Page - Infineon Technologies AG SBM52414Z Datasheet HTML 7Page - Infineon Technologies AG SBM52414Z Datasheet HTML 8Page - Infineon Technologies AG SBM52414Z Datasheet HTML 9Page - Infineon Technologies AG SBM52414Z Datasheet HTML 10Page - Infineon Technologies AG SBM52414Z Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SBM52414x
Package Outlines
Data Sheet
10
2002-05-01
Package Outlines
Figure 7
Connector Options
Model
Type
SBM52414G
SBM51414G
SM FC/PC
SBM52414N
SBM51414N
SM SC/PC 0°
SBM52414Z
SBM51414Z
SM without connector
connector type
1) 1mm above TO-bottom
Dimensions in mm


Similar Part No. - SBM52414Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBM52214G INFINEON-SBM52214G Datasheet
277Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
2002-05-01
logo
Chenmko Enterprise Co. ...
SBM52PT CHENMKO-SBM52PT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBM52414Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBM52214G INFINEON-SBM52214G Datasheet
277Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
2002-05-01
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com