Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2M0160120D Datasheet(PDF) 7 Page - Cree, Inc

Part # C2M0160120D
Description  Silicon Carbide Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2M0160120D Datasheet(HTML) 7 Page - Cree, Inc

Back Button C2M0160120D_15 Datasheet HTML 2Page - Cree, Inc C2M0160120D_15 Datasheet HTML 3Page - Cree, Inc C2M0160120D_15 Datasheet HTML 4Page - Cree, Inc C2M0160120D_15 Datasheet HTML 5Page - Cree, Inc C2M0160120D_15 Datasheet HTML 6Page - Cree, Inc C2M0160120D_15 Datasheet HTML 7Page - Cree, Inc C2M0160120D_15 Datasheet HTML 8Page - Cree, Inc C2M0160120D_15 Datasheet HTML 9Page - Cree, Inc C2M0160120D_15 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
C2M0160120D Rev. C, 10-2015
Typical Performance
0
50
100
150
200
250
300
350
0
5
10
15
20
25
30
External Gate Resistor RG(ext) (Ohms)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 800 V
IDS = 10 A
VGS = -5/+20 V
FWD = C4D05120A
L = 256 μH
0
40
80
120
160
200
240
-50
-25
0
25
50
75
100
125
150
Junction Temperature, TJ (°C)
Conditions:
IDS = 10 A
VDD = 800 V
RG(ext) = 2.5 Ω
VGS = -5/+20 V
FWD = C4D10120A
L = 256 µH
EOff
EOn
ETotal
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
External Gate Resistor, RG(ext) (Ohms)
Conditions:
TJ = 25 °C
VDD = 800 V
RL = 80 Ω
VGS = -5/+20 V
td (off)
td (on)
tf
tr
Figure 25. Clamped Inductive Switching Energy vs. R
G(ext)
Figure 26. Clamped Inductive Switching Energy vs.
Temperature
Figure28.SwitchingTimesDefinition
Figure 27. Switching Times vs. R
G(ext)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
200
Time in Avalanche TAV (us)
Conditons:
VDD = 50 V
Figure 29. Single Avalanche SOA curve


Similar Part No. - C2M0160120D_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0160120D CREE-C2M0160120D Datasheet
826Kb / 9P
   N-Channel Enhancement Mode
logo
WOLFSPEED, INC.
C2M0160120D WOLFSPEED-C2M0160120D Datasheet
645Kb / 10P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 5, 04-2021
More results

Similar Description - C2M0160120D_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0080120D CREE-C2M0080120D_15 Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
C3M0065090J CREE-C3M0065090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR25MT12K GENESIC-GR25MT12K Datasheet
875Kb / 1P
   Silicon Carbide Power MOSFET
GR1000MT17D GENESIC-GR1000MT17D Datasheet
835Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
C3M0015065K CREE-C3M0015065K Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
C3M0015065D CREE-C3M0015065D Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR40MT12J GENESIC-GR40MT12J Datasheet
857Kb / 1P
   Silicon Carbide Power MOSFET
GR40MT12K GENESIC-GR40MT12K Datasheet
874Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
CPM2-1200-0025A CREE-CPM2-1200-0025A Datasheet
569Kb / 7P
   Silicon Carbide Power MOSFET
C3M0045065D CREE-C3M0045065D Datasheet
961Kb / 11P
   Silicon Carbide Power MOSFET
C3M0025065D CREE-C3M0025065D Datasheet
1,017Kb / 11P
   Silicon Carbide Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com