Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3D03060A Datasheet(PDF) 1 Page - Cree, Inc

Part # C3D03060A
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D03060A Datasheet(HTML) 1 Page - Cree, Inc

  C3D03060A_13 Datasheet HTML 1Page - Cree, Inc C3D03060A_13 Datasheet HTML 2Page - Cree, Inc C3D03060A_13 Datasheet HTML 3Page - Cree, Inc C3D03060A_13 Datasheet HTML 4Page - Cree, Inc C3D03060A_13 Datasheet HTML 5Page - Cree, Inc C3D03060A_13 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C3D03060A Rev. D
C3D03060A
Silicon Carbide Schottky Diode
Z-Rec™ RectifieR
Features
600-VoltSchottkyRectifier
OptimizedforPFCBoostDiodeApplication
ZeroReverseRecoveryCurrent
ZeroForwardRecoveryVoltage
High-FrequencyOperation
Temperature-IndependentSwitchingBehavior
ExtremelyFastSwitching
PositiveTemperatureCoefficientonV
F
Benefits
ReplaceBipolarwithUnipolarRectifiers
EssentiallyNoSwitchingLosses
HigherEfficiency
ReductionofHeatSinkRequirements
ParallelDevicesWithoutThermalRunaway
Applications
SwitchModePowerSupplies
PowerFactorCorrection
-TypicalPFCP
out:300W-450W
Package
TO-220-2
Maximum Ratings (T
C=25˚Cunlessotherwisespecified)
Symbol Parameter
Value
Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
600
V
V
RSM
SurgePeakReverseVoltage
600
V
V
DC
DCBlockingVoltage
600
V
I
F
ContinuousForwardCurrent
11.5
5.5
3
A
T
C=25˚C
T
C=135˚C
T
C=160˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
18
13.5
A
T
C=25˚C,tP=10mS,HalfSineWaveD=0.3
T
C=110˚C,tP=10mS,HalfSineWaveD=0.3
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
26
23
A
T
C=25˚C,tP=10mS,HalfSineWaveD=0.3
T
C=110˚C,tP=10mS,HalfSineWaveD=0.3
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
100
A
T
C=25˚C,tP=10µS,Pulse
P
tot
PowerDissipation
53
23
W
T
C=25˚C
T
C=110˚C
T
J,Tstg
OperatingJunctionandStorageTemperature
-55to
+175
˚C
TO-220MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
Part Number
Package
Marking
C3D03060A
TO-220-2
C3D03060
PIN1
PIN2
CASE
V
RRM
=
600 V
I
F (TC=135˚C) =5.5A
Q
c
=
6.7
nC


Similar Part No. - C3D03060A_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3D03060A CREE-C3D03060A Datasheet
291Kb / 2P
   Z-RecTM Rectifiers and Zero-Recovery짰 Rectifiers
C3D03060A CREE-C3D03060A Datasheet
749Kb / 5P
   Silicon Carbide Schottky Diode 600-Volt Schottky Rectifier
logo
WOLFSPEED, INC.
C3D03060A WOLFSPEED-C3D03060A Datasheet
1Mb / 9P
   3rd Generation 600 V, 3 A Silicon Carbide Schottky Diode
Rev. 7, March 2023
More results

Similar Description - C3D03060A_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com