Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z10-300B Datasheet(PDF) 1 Page - Frontier Electronics.

Part # Z10-300B
Description  1W AXIAL LEAD ZENER DIODES, 100V ??330V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

Z10-300B Datasheet(HTML) 1 Page - Frontier Electronics.

  Z10-300B Datasheet HTML 1Page - Frontier Electronics. Z10-300B Datasheet HTML 2Page - Frontier Electronics. Z10-300B Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Z10-100B THRU Z10-330B SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED )
PARAMETER
SYMBOL MIN. TYP. MAX.
UNIT
FORWARD VOLTAGE @ IF = 200mA
VF
1.20
V
POW ER DISSIPATION
PD
1.0
W
OPERATING TEMPERATURE
TJ
-55
+150
°C
STORAGE TEMPERATURE
TSTG
-65
+175
°C
1W AXIAL LEAD ZENER DIODES, 100V
– 330V
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
GLASS PASSIVATED CHIP CONSTRUCTION
3.
WIDE ZENER VOLTAGE RANGE FROM 100V TO 330V
4.
LOW ZENER IMPEDANCE, BUILT-IN STRAIN RELIEF
5.
POLARITY: INDICATED BY CATHODE BAND
6.
MOLDED PLASTIC CASE DO-41
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
9.
WEIGHT: 0.33 GRAMS
10
RoHS COMPLIANT. ADD
SUFFIX “-H” FOR HALOGEN
FREE PART.
i.e. Z10-100B-H.


Similar Part No. - Z10-300B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
Z10-300 FRONTIER-Z10-300 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
logo
First Components Intern...
Z10-300 FCI-Z10-300 Datasheet
257Kb / 3P
   1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
logo
Frontier Electronics.
Z10-300-LFR FRONTIER-Z10-300-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
More results

Similar Description - Z10-300B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com