Electronic Components Datasheet Search |
|
3.0SMCJ6.0 Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd |
|
3.0SMCJ6.0 Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd |
1 / 4 page YENYO Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS For capacitive load, derate current by 20%. Single phase, half wave, 60Hz, resistive or inductive load. Rating at 25oC ambient temperature unless otherwise specified. -55 to +150 SMC/DO-214AB 3.0SMCJ SERIES Stand-off Voltage 5.0 to 220 V Power Dissipation 3000 Watts Surface Mount Transient Voltage Suppressor VALUE SYMBOL PPK IFSM PM(AV) VF TJ, TSTG Minimum 3000 100 3.5 8.0 UNIT Watts Watts V A oC Peak Power Dissipation at TA=25 oC TP=1ms (Note 1,2) at 35A for unidirectional devices only (Note 3) Operating Junction and Storage Temperature Steady State Power Dissipation at TA=75 oC Peak Forward Surge Current, 8.3ms single Half sine-wave super imposed on rated load (Note 3) (JEDEC method) Maximum lnstantaneous forward voltage Features For surfsce mounted applications Typical IR less than 1uA above 10V Reliable low cost construction utilizing Case: Molded plastic SMC/DO-214AB Plastic material has UL flammability Fast response time: typically less than 1.0 Weight: 0.21 gram Polarity:by cathode band denotes uni- directional device none cathode band denotes bi-directional device Mechanical Data NOTES : (1) Non-repetitive current pulse, per fig. 3 and derated above TA=25 oC per fig. 1. (2) Thermal Resistance junction to ambient. (3) 8.3ms single half-sine wave duty cycle= 4pulses maximum per minute(unidirectional units only). molded plastic technique classification 94V-0 ns for Uni-direction, less than 5.0ns for Bi-direction, form 0Volts to BV min Range 1 / 4 R2, NOV-12 .260(6.60) .280(7.11) .006(.152) .012(.305) .220(5.59) .245(6.22) .108(2.75) .128(3.25) .079(2.00) .103(2.62) .305(7.75) .320(8.13) .030(0.76) .060(1.52) .002(.051) .008(.203) PARAMTER |
Similar Part No. - 3.0SMCJ6.0 |
|
Similar Description - 3.0SMCJ6.0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |