Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3M0280090J Datasheet(PDF) 1 Page - Cree, Inc

Part # C3M0280090J
Description  Silicon Carbide Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3M0280090J Datasheet(HTML) 1 Page - Cree, Inc

  C3M0280090J Datasheet HTML 1Page - Cree, Inc C3M0280090J Datasheet HTML 2Page - Cree, Inc C3M0280090J Datasheet HTML 3Page - Cree, Inc C3M0280090J Datasheet HTML 4Page - Cree, Inc C3M0280090J Datasheet HTML 5Page - Cree, Inc C3M0280090J Datasheet HTML 6Page - Cree, Inc C3M0280090J Datasheet HTML 7Page - Cree, Inc C3M0280090J Datasheet HTML 8Page - Cree, Inc C3M0280090J Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
C3M0280090J Rev. - , 12-2015
C3M0280090J
Silicon Carbide Power MOSFET
C3M
TM MOSFET Technology
N-Channel Enhancement Mode
Features
New C3M SiC MOSFET technology
High blocking voltage with low On-resistance
High speed switching with low capacitances
New low impedance package with driver source
Fast intrinsic diode with low reverse recovery (Qrr)
Halogen free, RoHS compliant
Benefits
Highersystemefficiency
Reduced cooling requirements
Increased power density
Increased system switching frequency
Applications
Renewable energy
Lighting
High voltage DC/DC converters
Telecom Power Supplies
Induction Heating
Package
Part Number
Package
C3M0280090J
7L D2PAK
V
DS
900 V
I
D @ 25˚C
11 A
R
DS(on)
280 mΩ
Maximum Ratings (T
C=25˚Cunlessotherwisespecified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
VDSmax
Drain - Source Voltage
900
V
VGS = 0 V, ID=100μA
VGSmax
Gate - Source Voltage
-8/+18
V
Absolute maximum values
VGSop
Gate - Source Voltage
-4/+15
V
Recommended operational values
Note (1)
ID
Continuous Drain Current
11
A
VGS = 15 V, TC =25˚C
Fig. 19
7
VGS = 15 V, TC =100˚C
ID(pulse)
Pulsed Drain Current
22
A
Pulse width tP limited by Tjmax
Fig. 22
P
D
Power Dissipation
50
W
T
C=25˚C,TJ=150˚C
Fig. 20
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+150
˚C
T
L
Solder Temperature
260
˚C
1.6mm (0.063”) from case for 10s
Note (1): MOSFET can also safely operate at 0/+15 V
1 2 3 4 5 6 7
G KS S S S S S
TAB
Drain
Drain
(TAB)
Power
Source
(Pin 3,4,5,6,7)
Driver
Source
(Pin 2)
Gate
(Pin 1)


Similar Part No. - C3M0280090J

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3M0280090J WOLFSPEED-C3M0280090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2 09-2021
More results

Similar Description - C3M0280090J

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0080120D CREE-C2M0080120D_15 Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
C3M0065090J CREE-C3M0065090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR25MT12K GENESIC-GR25MT12K Datasheet
875Kb / 1P
   Silicon Carbide Power MOSFET
GR1000MT17D GENESIC-GR1000MT17D Datasheet
835Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
C3M0015065K CREE-C3M0015065K Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
C3M0015065D CREE-C3M0015065D Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR40MT12J GENESIC-GR40MT12J Datasheet
857Kb / 1P
   Silicon Carbide Power MOSFET
GR40MT12K GENESIC-GR40MT12K Datasheet
874Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
CPM2-1200-0025A CREE-CPM2-1200-0025A Datasheet
569Kb / 7P
   Silicon Carbide Power MOSFET
C3M0045065D CREE-C3M0045065D Datasheet
961Kb / 11P
   Silicon Carbide Power MOSFET
C3M0025065D CREE-C3M0025065D Datasheet
1,017Kb / 11P
   Silicon Carbide Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com