Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ15A Datasheet(PDF) 3 Page - YENYO TECHNOLOGY Co., Ltd

Part # 3.0SMCJ15A
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

3.0SMCJ15A Datasheet(HTML) 3 Page - YENYO TECHNOLOGY Co., Ltd

  3.0SMCJ15A Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd 3.0SMCJ15A Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd 3.0SMCJ15A Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd 3.0SMCJ15A Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No.
VRWM VBR Min VBR Max
IT
IFSM
IR @VRWM
( V )
( V )
( V )
( mA ) (A) @8.3mS
( V )
Ipp(A)
( uA )
UNI
BI
3.0SMCJ SERIES
Absolute Maximum Rating (Ta=25 C)
Electrical Characteristics (Ta=25 C)
Max Vc
Marking Code
3.0SMCJ48
48.00
53.30
67.5
1
250
85.5
35.0
5
HFW
IFW
3.0SMCJ48A
48.00
53.30
61.3
1
250
77.4
38.8
5
HFX
IFX
3.0SMCJ51
51.00
56.70
71.8
1
250
91.1
37.0
5
HFY
IFY
3.0SMCJ51A
51.00
56.70
65.2
1
250
82.4
36.4
5
HFZ
IFZ
3.0SMCJ54
54.00
60.00
76.0
1
250
96.3
31.2
5
HGD
IGD
3.0SMCJ54A
54.00
60.00
69.0
1
250
87.1
34.4
5
HGE
IGE
3.0SMCJ58
58.00
64.40
81.6
1
250
103.0
39.2
5
HGF
IGF
3.0SMCJ58A
58.00
64.40
74.1
1
250
93.6
32.0
5
HGG
IGG
3.0SMCJ60
60.00
66.70
84.5
1
250
107.0
28.0
5
HGH
IGH
3.0SMCJ60A
60.00
66.70
76.7
1
250
96.8
31.0
5
HGK
IGK
3.0SMCJ64
64.00
71.10
90.1
1
250
114.0
26.4
5
HGL
IGL
3.0SMCJ64A
64.00
71.10
81.8
1
250
103.0
29.2
5
HGM
IGM
3.0SMCJ70
70.00
77.80
98.6
1
250
125.0
24.0
5
HGN
IGN
3.0SMCJ70A
70.00
77.80
89.5
1
250
113.0
26.6
5
HGP
IGP
3.0SMCJ75
75.00
83.30
105.7
1
250
134.0
22.4
5
HGQ
IGQ
3.0SMCJ75A
75.00
83.30
95.8
1
250
121.0
24.8
5
HGR
IGR
3.0SMCJ78
78.00
86.70
109.8
1
250
139.0
21.6
5
HGS
IGS
3.0SMCJ78A
78.00
86.70
99.7
1
250
126.0
22.8
5
HGT
IGT
3.0SMCJ85
85.00
94.40
119.2
1
250
151.0
19.8
5
HGU
IGU
3.0SMCJ85A
85.00
94.40
108.2
1
250
137.0
20.8
5
HGV
IGV
3.0SMCJ90
90.00
100.00
126.5
1
250
160.0
18.8
5
HGW
IGW
3.0SMCJ90A
90.00
100.00
115.5
1
250
146.0
20.6
5
HGX
IGX
3.0SMCJ100
100.00
111.00
141.0
1
250
179.0
16.6
5
HGY
IGY
3.0SMCJ100A
100.00
111.00
128.0
1
250
162.0
18.6
5
HGZ
IGZ
3.0SMCJ110
110.00
122.00
154.5
1
250
196.0
15.4
5
HHD
IHD
3.0SMCJ110A
110.00
122.00
140.5
1
250
177.0
16.8
5
HHE
IHE
3.0SMCJ120
120.00
133.00
169.0
1
250
214.0
14.0
5
HHF
IHF
3.0SMCJ120A
120.00
133.00
153.0
1
250
193.0
15.6
5
HHG
IHG
3.0SMCJ130
130.00
144.00
182.5
1
250
231.0
13.0
5
HHH
IHH
3.0SMCJ130A
130.00
144.00
165.5
1
250
209.0
14.4
5
HHK
IHK
3.0SMCJ150
150.00
167.00
211.5
1
250
268.0
11.2
5
HHL
IHL
3.0SMCJ150A
150.00
167.00
192.5
1
250
243.0
12.4
5
HHM
IHM
3.0SMCJ160
160.00
178.00
226.0
1
250
287.0
10.4
5
HHN
IHN
3.0SMCJ160A
160.00
178.00
205.0
1
250
259.0
11.6
5
HHP
IHP
3.0SMCJ170
170.00
189.00
239.5
1
250
304.0
9.8
5
HHQ
IHQ
3.0SMCJ170A
170.00
189.00
217.5
1
250
275.0
11.0
5
HHR
IHR
Suffix A: 5%
Suffix C: Bi-Directional
For the bidirection typ having Vrwm of 10 volts and less, the IR limit is doubled.
3 / 4
R2, NOV-12
3.0SMCJ180
180.00
198.00
253.8
1
250
322.0
9.3
5
HHS
IHS
3.0SMCJ180A
180.00
198.00
230.4
1
250
292.0
10.3
5
HHT
IHT
3.0SMCJ190
190.00
209.00
267.9
1
250
340.0
8.8
5
HHU
IHU
3.0SMCJ190A
190.00
209.00
243.2
1
250
308.0
9.7
5
HHV
IHV
3.0SMCJ200
200.00
220.00
282.0
1
250
358.0
8.4
5
HHW
IHW
3.0SMCJ200A
200.00
220.00
256.0
1
250
324.0
9.3
5
HHX
IHX
3.0SMCJ210
210.00
231.00
296.1
1
250
376.0
7.8
5
HHY
IHY
3.0SMCJ210A
210.00
231.00
268.8
1
250
340.0
8.8
5
HHZ
IHZ
3.0SMCJ220
220.00
242.00
310.2
1
250
394.0
7.6
5
HID
IID
3.0SMCJ220A
220.00
242.00
281.6
1
250
356.0
8.4
5
HIE
IIE


Similar Part No. - 3.0SMCJ15A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ15A WTE-3.0SMCJ15A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ15A TAYCHIPST-3.0SMCJ15A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ15A WTE-3.0SMCJ15A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
3.0SMCJ15A FCI-3.0SMCJ15A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
3.0SMCJ15A TSC-3.0SMCJ15A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ15A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com