Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4D15120D Datasheet(PDF) 2 Page - Cree, Inc

Part # C4D15120D
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D15120D Datasheet(HTML) 2 Page - Cree, Inc

  C4D15120D Datasheet HTML 1Page - Cree, Inc C4D15120D Datasheet HTML 2Page - Cree, Inc C4D15120D Datasheet HTML 3Page - Cree, Inc C4D15120D Datasheet HTML 4Page - Cree, Inc C4D15120D Datasheet HTML 5Page - Cree, Inc C4D15120D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C4D15120D Rev. –, 09-2015
0
2
4
6
8
10
12
14
0
0.5
1
1.5
2
2.5
3
3.5
4
Electrical Characteristics (Per Leg)
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.5
2.2
1.8
3
V
I
F=8ATJ=25°C
I
F=8ATJ=175°C
Fig. 1
I
R
ReverseCurrent
35
100
250
350
μA
V
R = 1200 V TJ=25°C
V
R = 1200 V TJ=175°C
Fig. 2
Q
C
TotalCapacitiveCharge
37
nC
V
R=800V,IF=8A
di/dt=200A/μs
T
J=25°C
Fig. 5
C
TotalCapacitance
560
37
27
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
V
R=800V,TJ=25˚C,f=1MHz
Fig. 6
E
C
CapacitanceStoredEnergy
3.65
μJ
V
R=400V
Fig.7
Note:Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Note
R
θ
JC
ThermalResistancefromJunctiontoCase
1.11*
0.56**
°C/W
Fig.9
*
PerLeg,**PerDevice
Typical Performance
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
0
100
200
300
400
500
600
700
800
0
500
1000
1500
2000
T
J=-55°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=175°C
T
J=-55°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=175°C
V
F (V)
V
R (V)


Similar Part No. - C4D15120D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C4D15120D WOLFSPEED-C4D15120D Datasheet
860Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. D, 12-2017
More results

Similar Description - C4D15120D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com