Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5D50065D Datasheet(PDF) 1 Page - Cree, Inc

Part # C5D50065D
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5D50065D Datasheet(HTML) 1 Page - Cree, Inc

  C5D50065D Datasheet HTML 1Page - Cree, Inc C5D50065D Datasheet HTML 2Page - Cree, Inc C5D50065D Datasheet HTML 3Page - Cree, Inc C5D50065D Datasheet HTML 4Page - Cree, Inc C5D50065D Datasheet HTML 5Page - Cree, Inc C5D50065D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C5D50065D Rev. -
C5D50065D
Silicon Carbide Schottky Diode
Z-Rec® RectifieR
Features
650-VoltSchottkyRectifier
ZeroReverseRecoveryCurrent
ZeroForwardRecoveryVoltage
High-FrequencyOperation
Temperature-IndependentSwitchingBehavior
ExtremelyFastSwitching
PositiveTemperatureCoefficientonV
F
Benefits
ReplaceBipolarwithUnipolarRectifiers
EssentiallyNoSwitchingLosses
HigherEfficiency
ReductionofHeatSinkRequirements
ParallelDevicesWithoutThermalRunaway
Applications
SolarInverters
MotorDrives
EVChargers
UPS
Automotive
Package
TO-247-3
Maximum Ratings (T
C=25˚Cunlessotherwisespecified)
Symbol
Parameter
Value Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
650
V
V
RSM
SurgePeakReverseVoltage
650
V
V
DC
DCPeakBlockingVoltage
650
V
I
F
ContinuousForwardCurrent
100
50
46
A
T
C=25˚C
T
C=130˚C
T
C=135˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
153
106
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
I
FSM
Non-RepetitiveForwardSurgeCurrent
400
330
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
I
F,Max
Non-RepetitivePeakForwardCurrent
2000
1600
A
T
C=25˚C,tP=10 ms,Pulse
T
C=110˚C,tP=10 ms,Pulse
P
tot
PowerDissipation
300
130
W
T
C=25˚C
T
C=110˚C
T
J,Tstg
OperatingJunctionandStorage
Temperature
-55 to
+175
˚C
TO-247MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
Part Number
Package
Marking
C5D50065D
TO-247-3
C5D50065
V
RRM
=
650 V
I
F (TC=130˚C) = 50 A
Q
c=
110nC


Similar Part No. - C5D50065D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5D05170H CREE-C5D05170H Datasheet
618Kb / 6P
   Silicon Carbide Schottky Diode
C5D10170H CREE-C5D10170H Datasheet
613Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
C5D25170H CREE-C5D25170H Datasheet
612Kb / 6P
   Silicon Carbide Schottky Diode
More results

Similar Description - C5D50065D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com