Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ18 Datasheet(PDF) 3 Page - YENYO TECHNOLOGY Co., Ltd

Part # SMAJ18
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SMAJ18 Datasheet(HTML) 3 Page - YENYO TECHNOLOGY Co., Ltd

  SMAJ18 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SMAJ18 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd SMAJ18 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd SMAJ18 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No.
VRWM VBR Min VBR Max
IT
IFSM
IR @VRWM
( V )
( V )
( V )
( mA ) (A) @8.3mS
( V )
Ipp(A)
( uA )
UNI
BI
SMAJ SERIES
Absolute Maximum Rating (Ta=25o C)
Electrical Characteristics (Ta=25o C)
Max Vc
Marking Code
SMAJ48(c)
48.00
53.3
65.1
1
40
85.5
4.7
1
CW
YW
SMAJ48(c)A
48.00
53.3
58.9
1
40
77.4
5.2
1
CX
YX
SMAJ51(c)
51.00
56.7
69.3
1
40
91.1
4.4
1
CY
YY
SMAJ51(c)A
51.00
56.7
62.7
1
40
82.4
4.9
1
CZ
YZ
SMAJ54(c)
54.00
60.0
73.3
1
40
96.3
4.2
RD
ZD
SMAJ54(c)A
54.00
60.0
66.3
1
40
87.1
4.6
RE
ZE
SMAJ58(c)
58.00
64.4
78.7
1
40
103.0
3.9
RF
ZF
SMAJ58(c)A
58.00
64.4
71.2
1
40
93.6
4.3
RG
ZG
SMAJ60(c)
60.00
66.7
81.5
1
40
107.0
3.7
RH
ZH
SMAJ60(c)A
60.00
66.7
73.7
1
40
96.8
4.1
RK
ZK
SMAJ64(c)
64.00
71.1
86.9
1
40
114.0
4.5
RL
ZL
SMAJ64(c)A
64.00
71.1
78.6
1
40
103.0
3.9
RM
ZM
SMAJ70(c)
70.00
77.8
95.1
1
40
125.0
3.2
RN
ZN
SMAJ70(c)A
70.00
77.8
86.0
1
40
113.0
3.5
RP
ZP
SMAJ75(c)
75.00
83.3
102
1
40
134.0
3.0
RQ
ZQ
SMAJ75(c)A
75.00
83.3
92.1
1
40
121.0
3.3
RR
ZR
SMAJ78(c)
78.00
86.7
106
1
40
139.0
2.9
RS
ZS
SMAJ78(c)A
78.00
86.7
95.8
1
40
126.0
3.2
RT
ZT
SMAJ85(c)
85.00
94.4
115
1
40
151.0
2.6
RU
ZU
SMAJ85(c)A
85.00
94.4
104
1
40
137.0
2.9
RV
ZV
SMAJ90(c)
90.00
100
122
1
40
160.0
2.5
RW
ZW
SMAJ90(c)A
90.00
100
111
1
40
146.0
2.7
RX
ZX
SMAJ100(c)
100.00
111
136
1
40
179.0
2.2
RY
ZY
SMAJ100(c)A
100.00
111
123
1
40
162.0
2.5
RZ
ZZ
SMAJ110(c)
110.00
122
149
1
40
196.0
2.0
SD
VD
SMAJ110(c)A
110.00
122
135
1
40
177.0
2.3
SE
VE
SMAJ120(c)
120.00
133
163
1
40
214.0
1.9
SF
VF
SMAJ120(c)A
120.00
133
147
1
40
193.0
2.0
SG
VG
SMAJ130(c)
130.00
144
176
1
40
231.0
1.7
SH
VH
SMAJ130(c)A
130.00
144
159
1
40
209.0
1.9
SK
VK
SMAJ150(c)
150.00
167
204
1
40
268.0
1.5
SL
VL
SMAJ150(c)A
150.00
167
185
1
40
243.0
1.6
SM
VM
SMAJ160(c)
160.00
178
218
1
40
287.0
1.4
SN
VN
SMAJ160(c)A
160.00
178
197
1
40
259.0
1.5
SP
VP
SMAJ170(c)
170.00
189
231
1
40
304.0
1.3
SQ
VQ
SMAJ170(c)A
170.00
189
209
1
40
275.0
1.4
SR
VR
Suffix A: 5%
Suffix C: Bi-Directional
For the bidirection SMAJ5.0CA, the maximum VBR is 7.25V.
For the bidirection typ having Vrwm of 10 volts and less, the IR limit is doubled.
3 / 4
R5,JAN -13
SMAJ180(c)
SMAJ180(c)A
SMAJ200(c)
SMAJ200(c)A
SMAJ220(c)
SMAJ220(c)A
SMAJ250(c)
SMAJ250(c)A
180.00
180.00
200.00
200.00
220.00
220.00
250.00
250.00
201
201
224
224
246
246
279
279
222
222
247
247
272
272
309
309
1
1
1
1
1
1
1
1
40
40
40
40
40
40
40
40
292.0
292.0
324.0
324.0
356.0
356.0
405.0
405.0
1.4
1.4
1.2
1.2
1.1
1.1
1.0
1.0
SS
ST
SU
SV
SW
SX
SY
SZ
VS
VT
VU
VV
VW
VX
VY
VZ
SMAJ300(c)A
SMAJ350(c)A
SMAJ400(c)A
SMAJ440(c)A
300.00
350.00
400.00
440.00
335
391
447
492
371
432
494
543
1
1
1
1
40
40
40
40
486.0
567.0
648.0
713.0
0.8
0.7
0.6
0.6
TE
TG
TK
TM
UE
UG
UK
UM
Certified RoHS Compliant
UL File # E353409
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1


Similar Part No. - SMAJ18

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ18 JGD-SMAJ18 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ18 HORNBY-SMAJ18 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMAJ18 SOCAY-SMAJ18 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ18 RFE-SMAJ18 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Vishay Siliconix
SMAJ18 VISHAY-SMAJ18 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Similar Description - SMAJ18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com