Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6B595DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B595DW
Description  Power Logic 8-Bit Shift Register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B595DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC6B595DW Datasheet HTML 3Page - Texas Instruments TPIC6B595DW Datasheet HTML 4Page - Texas Instruments TPIC6B595DW Datasheet HTML 5Page - Texas Instruments TPIC6B595DW Datasheet HTML 6Page - Texas Instruments TPIC6B595DW Datasheet HTML 7Page - Texas Instruments TPIC6B595DW Datasheet HTML 8Page - Texas Instruments TPIC6B595DW Datasheet HTML 9Page - Texas Instruments TPIC6B595DW Datasheet HTML 10Page - Texas Instruments TPIC6B595DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
− 50
TC − Case Temperature − °C
ID = 100 mA
See Note A
200
150
100
50
250
300
tPHL
tPLH
tr
tf
− 25
0
25
50
75
100
125
N − Number of Outputs Conducting Simultaneously
0
1
2
3
4
5
6
7
8
VCC = 5 V
TC = 25°C
TC = 125°C
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
TC = 100°C
10
8
4
2
0
6
0
100
200
300
400
14
12
16
18
500
600
700
ID − Drain Current − mA
VCC = 5 V
See Note A
TC = 25°C
TC = − 40°C
TC = 125°C
VCC − Logic Supply Voltage − V
4
3
1
0
4
4.5
5
5.5
5
7
8
6
6.5
7
6
2
TC = 125°C
TC = 25°C
TC = − 40°C
ID = 100 mA
See Note A
f − Frequency − MHz
1
0.5
0
0.1
1
10
1.5
2
100
2.5
VCC = 5 V
TC = − 40°C to 125°C
2
1
10
4
0.1
0.2
1
0.4
2
10
4
0.2
0.1
0.4
tav − Time Duration of Avalanche − ms
TC = 25°C
TPIC6B595
www.ti.com
SLIS032B – JULY 1995 – REVISED JUNE 2015
6.7 Typical Characteristics
Figure 1. Peak Avalanche Current vs Time Duration of
Figure 2. Supply Current vs Frequency
Avalanche
Technique should limit TJ − TC to 10°C maximum.
Technique should limit TJ − TC to 10°C maximum.
Figure 4. Static Drain-to-Source On-State Resistance
Figure 3. Drain-to-Source On-State Resistance
vs Logic Supply Voltage
vs Drain Current
Technique should limit TJ − TC to 10°C maximum
Figure 6. Maximum Continuous Drain Current of
Figure 5. Switching Time vs Case Temperature
Each Output vs Number of Outputs Conducting
Simultaneously
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPIC6B595


Similar Part No. - TPIC6B595DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B595DW TI-TPIC6B595DW Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595DW TI1-TPIC6B595DW Datasheet
808Kb / 15P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595DWG4 TI1-TPIC6B595DWG4 Datasheet
808Kb / 15P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595DWR TI1-TPIC6B595DWR Datasheet
808Kb / 15P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595DWRG4 TI1-TPIC6B595DWRG4 Datasheet
808Kb / 15P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6B595DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com