Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC3G34DCUR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G34DCUR
Description  Triple Buffer Gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G34DCUR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC3G34DCUR Datasheet HTML 1Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 2Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 3Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 4Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 5Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 6Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 7Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 8Page - Texas Instruments SN74LVC3G34DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1A
1Y
1
7
2A
2Y
3
5
3A
3Y
6
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC3G34
SCES366L – AUGUST 2001 – REVISED OCTOBER 2015
SN74LVC3G34 Triple Buffer Gate
1 Features
3 Description
The SN74LVC3G34 device is a triple buffer gate
1
Available in the Texas Instruments
designed for 1.65-V to 5.5-V VCC operation. The
NanoFree™ Package
SN74LVC3G34 device performs the Boolean function
Supports 5.5-V VCC Operation
Y = A in positive logic.
Inputs Accept Voltages to 5.5 V
NanoFree
package
technology
is
a
major
Max tpd of 4.1 ns at 3.3 V
breakthrough in IC packaging concepts, using the die
Low Power Consumption, 10-µA Maximum ICC
as the package.
±24-mA Output Drive at 3.3 V
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
Typical VOLP (Output Ground Bounce)
outputs,
preventing
damaging
current
backflow
<0.8 V at VCC = 3.3 V, TA = 25°C
through the device when it is powered down.
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
Device Information(1)
Ioff Supports Live Insertion, Partial-Power-Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mode, and Back-Drive Protection
SN74LVC3G34DCT
SM8 (8)
2.95 mm × 2.80 mm
Can Be Used as a Down Translator to Translate
SN74LVC3G34DCU VSSOP (8)
2.30 mm × 2.00 mm
Inputs From a Maximum of 5.5 V Down to the VCC
SN74LVC3G34YZP
DSBGA (8)
1.91 mm × 0.91 mm
Level
(1) For all available packages, see the orderable addendum at
Latch-Up Performance Exceeds 100 mA Per
the end of the data sheet.
JESD 78, Class II
Simplified Schematic
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
2 Applications
AV Receivers
Audio Docks: Portable
Blu-ray Players and Home Theaters
DVD Recorders and Players
Embedded PCs
MP3 Players and Recorders (Portable Audio)
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid-State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablets: Enterprise
Video Analytics: Servers
Wireless Headsets, Keyboards, and Mice
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC3G34DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G34DCUR TI-SN74LVC3G34DCUR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCUR TI-SN74LVC3G34DCUR Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCURE4 TI-SN74LVC3G34DCURE4 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCURG4 TI-SN74LVC3G34DCURG4 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
More results

Similar Description - SN74LVC3G34DCUR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com