Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G157DCTRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC2G157DCTRE4
Description  Single 2-Line to 1-Line Data Selector Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G157DCTRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVC2G157DCTRE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G157DCTRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
7
6
G
A/B
B
A
5
Y
Y
3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74LVC2G157
SCES207M – APRIL 1999 – REVISED JUNE 2015
SN74LVC2G157 Single 2-Line to 1-Line Data Selector Multiplexer
1 Features
3 Description
This single 2-line to 1-line data selector multiplexer is
1
Available in the Texas Instruments
designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC2G157 device features a common
Supports 5-V VCC Operation
strobe (G) input. When the strobe is high, Y is low
Inputs Accept Voltages to 5.5 V
and Y is high. When the strobe is low, a single bit is
Max tpd of 6 ns at 3.3 V
selected from one of two sources and is routed to the
Low Power Consumption, 10-µA Maximum ICC
outputs. The device provides true and complementary
data.
±24-mA Output Drive at 3.3 V
NanoFree™
package
technology
is
a
major
Typical VOLP (Output Ground Bounce)
breakthrough in IC packaging concepts, using the die
<0.8 V at VCC = 3.3 V, TA = 25°C
as the package.
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
Ioff Supports Live Insertion, Partial-Power-Down
outputs,
preventing
damaging
current
backflow
Mode, and Back-Drive Protection
through the device when it is powered down.
Can Be Used as a Down Translator to Translate
Inputs From a Maximum of 5.5 V Down
Device Information(1)
to the VCC Level
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Latch-Up Performance Exceeds 100 mA Per
SN74LVC2G157DCT
SSOP (8)
2.95 mm × 2.80 mm
JESD 78, Class II
SN74LVC2G157DCU VSSOP (8)
2.30 mm × 2.00 mm
ESD Protection Exceeds JESD 22
SN74LVC2G157YZP
DSBGA (8)
1.91 mm × 0.91 mm
2000-V Human Body Model (A114-A)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1000-V Charged-Device Model (C101)
Logic Diagram (Positive Logic)
2 Applications
Barcode Scanner
Cable Solutions
E-Books
Embedded PC
Field Transmitter: Temperature or Pressure
Sensors
Fingerprint Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Server Motherboard and PSU
Software Defined Radio (SDR)
TV: High Definition (HDTV), LCD, and Digital
Video Communications Systems
Wireless Data Access Cards, Headsets,
Keyboards, Mice, and LAN Cards
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - 74LVC2G157DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G157DCTRE4 TI-74LVC2G157DCTRE4 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
74LVC2G157DCTRE4 TI-74LVC2G157DCTRE4 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74LVC2G157DCTRE4 TI1-74LVC2G157DCTRE4 Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
More results

Similar Description - 74LVC2G157DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_18 Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157 UTC-U74LVC2G157_15 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com