Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G125DCUT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G125DCUT
Description  Dual Bus Buffer Gate With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G125DCUT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G125DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G125DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
YZP PACKAGE
(BOTTOM VIEW)
GND
5
4
2A
3 6
1Y
2Y
2 7
2OE
1A
8
V
CC
1
1OE
See mechanical drawings for dimensions.
See mechanical drawings for dimensions.
DCT PACKAGE
(TOP VIEW)
DCU PACKAGE
(TOP VIEW)
1
VCC
8
1OE
2
7
1A
2OE
3
6
2Y
1Y
4
5
GND
2A
3
6
1Y
2Y
8
1
V
CC
1OE
5
GND
4
2A
2
7
2OE
1A
3
SN74LVC2G125
www.ti.com
SCES204P – APRIL 1999 – REVISED JANUARY 2016
Product Folder Links: SN74LVC2G125
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DCT, DCU,
YZP
1A
2
I
Input
2A
5
I
Input
1OE
1
I
Output Enable for buffer 1
2OE
7
I
Output Enable for buffer 2
1Y
6
O
Output
2Y
3
O
Output
GND
4
Ground
VCC
8
Power pin


Similar Part No. - SN74LVC2G125DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G125DCUT TI-SN74LVC2G125DCUT Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G125DCUT TI-SN74LVC2G125DCUT Datasheet
529Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125DCUT TI1-SN74LVC2G125DCUT Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
More results

Similar Description - SN74LVC2G125DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com