Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G123DCTTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G123DCTTG4
Description  Single Retriggerable Monostable Multivibrator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G123DCTTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVC1G123DCTTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 10Page - Texas Instruments 74LVC1G123DCTTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN74LVC1G123
www.ti.com
SCES586D – JULY 2004 – REVISED JUNE 2015
6.7 Switching Characteristics, CL = 15 pF, –40°C to 85°C
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 8)
–40°C TO 85°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A or B
7
18.5
52
4
17
3
11.5
2
7.6
tpd
CLR
Q
5
12.4
34
3
11.5
2
8
1.5
5.5
ns
CLR trigger
7
17.4
54
4
15.5
3
10.5
2
7
6.8 Switching Characteristics, CL = 50 pF, –40°C to 85°C
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 9)
–40°C TO 85°C
FROM
TO
TEST
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
TYP(1)
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A or B
6
18.6
57
3
18.5
2
12.5
1.5
8.2
tpd
CLR
Q
4
11.6
36.5
2
12.5
1.5
8.6
1.5
6
ns
CLR trigger
5
17.3
59
2.5
17
2
11.5
1.5
7.5
Cext = 28 pF,
225
600
190
220
170
200
150
180
ns
Rext = 2 kΩ
Cext = 0.01 μF,
twOUT
(2)
Q
100
110
100
110
100
110
100
110
µs
Rext = 10 kΩ
Cext = 0.1 μF,
1
1.1
1
1.1
1
1.1
1
1.1
ms
Rext = 10 kΩ
(1)
TA = 25°C
(2)
tw = Duration of pulse at Q output
6.9 Switching Characteristics, CL = 50 pF, –40°C to 125°C
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 9)
–40°C TO 125°C
FROM
TO
TEST
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
TYP(1)
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A or B
6
58
3
19.5
2
13.2
1.5
8.7
tpd
CLR
Q
4
37
2
13.5
1.5
9.2
1.5
6.5
ns
CLR trigger
5
60
2.5
18
2
12
1.5
8
Cext = 28 pF,
225
600
190
220
170
200
150
180
ns
Rext = 2 kΩ
Cext = 0.01 µF,
twOUT
(2)
Q
100
110
100
110
100
110
100
110
µs
Rext = 10 kΩ
Cext = 0.1 µF,
1
1.1
1
1.1
1
1.1
1
1.1
ms
Rext = 10 kΩ
(1)
TA = 25°C
(2)
tw = Duration of pulse at Q output
6.10 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Rext = 1 kΩ,
35
37
No Cext
Power dissipation
A = low, B = high,
Cpd
pF
capacitance
CLR = 10 MHz
Rext = 5 kΩ,
41
40
No Cext
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC1G123


Similar Part No. - 74LVC1G123DCTTG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123DC PHILIPS-74LVC1G123DC Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Nexperia B.V. All right...
74LVC1G123DC NEXPERIA-74LVC1G123DC Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
74LVC1G123DC-Q100 NEXPERIA-74LVC1G123DC-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123DC-Q100H NEXPERIA-74LVC1G123DC-Q100H Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
logo
Texas Instruments
74LVC1G123DCURE4 TI-74LVC1G123DCURE4 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - 74LVC1G123DCTTG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A Datasheet
157Kb / 19P
   Retriggerable Monostable Multivibrator
logo
List of Unclassifed Man...
74122 ETC1-74122 Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A_15 Datasheet
178Kb / 21P
   Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com