Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G123DCUTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G123DCUTG4
Description  Single Retriggerable Monostable Multivibrator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G123DCUTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74LVC1G123DCUTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G123DCUTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
A
B
CLR
Q
tw
tw
tw + trr
trr
Rext/Cext
VCC
R
C
Cext
Rext/Cext
SN74LVC1G123
SCES586D – JULY 2004 – REVISED JUNE 2015
www.ti.com
6.6 Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 8)
–40°C TO 125°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
TYP
MIN
TYP
MIN
TYP
MIN
TYP
CLR
8
4
3
2.5
twIN
Pulse duration
ns
A or B trigger
8
4
3
2.5
Cext = 100 pF
5.5
4.5
ns
Rext = 1 kΩ
Cext = 100 µF
1.4
1.1
µs
trr
Pulse retrigger time
Cext = 100 pF
75
45
ns
Rext = 5 kΩ
Cext = 100 µF
1.8
1.4
µs
Figure 1. Required Timing Circuit
Figure 2. Input/Output Timing Diagram
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G123


Similar Part No. - 74LVC1G123DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G123DCUTE4 TI-74LVC1G123DCUTE4 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - 74LVC1G123DCUTG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A Datasheet
157Kb / 19P
   Retriggerable Monostable Multivibrator
logo
List of Unclassifed Man...
74122 ETC1-74122 Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A_15 Datasheet
178Kb / 21P
   Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com