Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G32DPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G32DPWR
Description  Single 2-Input Positive-OR Gate
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G32DPWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G32DPWR Datasheet HTML 1Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 2Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 3Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 4Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 5Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 6Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 7Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 8Page - Texas Instruments SN74LVC1G32DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Y = A + B or Y =
A
B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G32
SCES219V – APRIL 1999 – REVISED AUGUST 2015
SN74LVC1G32 Single 2-Input Positive-OR Gate
1 Features
3 Description
This single 2-input positive-OR gate is designed for
1
Available in the Ultra-Small 0.64 mm2
1.65-V to 5.5-V VCC operation.
Package (DPW) with 0.5-mm Pitch
The SN74LVC1G32 device performs the Boolean
Supports 5-V VCC Operation
function
in positive logic.
Inputs Accept Voltages to 5.5-V
The CMOS device has high output drive while
Supports Down Translation to VCC
maintaining low static power dissipation over a broad
Max tpd of 3.6 ns at 3.3-V
VCC operating range.
Low Power Consumption, 10-µA Max ICC
The SN74LVC1G32 device is available in a variety of
±24-mA Output Drive at 3.3-V
packages, including the ultra-small DPW package
Ioff Supports Live Insertion, Partial-Power-Down
with a body size of 0.8 × 0.8 mm.
Mode, and Back-Drive Protection
Device Information(1)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
DEVICE NAME
PACKAGE
BODY SIZE
SOT-23 (5)
2.9mm × 1.6mm
ESD Protection Exceeds JESD 22
SC70 (5)
2.0mm × 1.25mm
2000-V Human-Body Model (A114-A)
SN74LVC1G32
SON (6)
1.45mm × 1.0mm
200-V Machine Model (A115-A)
SON (6)
1.0mm × 1.0mm
1000-V Charged-Device Model (C101)
X2SON (4)
0.8mm × 0.8mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
AV Receiver
Blu-ray Player and Home Theater
Digital Picture Frame (DPF)
Embedded PC
IP Phone: Wireless
High-Speed Data Acquisition and Generation
Motor Control: High-Voltage
Optical Networking: Video Over Fiber and EPON
Personal Navigation Device (GPS)
Portable Media Player
Private Branch Exchange (PBX)
Server PSU
SSD: Internal and External
TV: LCD/Digital and High-Definition (HDTV)
Telecom Shelter: Power Distribution Unit (PDU),
Power Monitoring Unit (PMU), Wireless Battery
Monitoring, Remote Electrical Tilt Unit (RET),
Remote Radio Unit (RRU), Tower Mounted
Amplifier (TMA)
Video Conferencing: IP-Based HD
Vector Signal Analyzer and Generator
WiMAX and Wireless Infrastructure Equipment
Wireless Headset, Keyboard, Mouse, and
Repeater
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G32DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32DPWR TI1-SN74LVC1G32DPWR Datasheet
2Mb / 49P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

Similar Description - SN74LVC1G32DPWR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com