Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH756 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SFH756
Description  Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SFH756 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SFH756 Datasheet HTML 1Page - Infineon Technologies AG SFH756 Datasheet HTML 2Page - Infineon Technologies AG SFH756 Datasheet HTML 3Page - Infineon Technologies AG SFH756 Datasheet HTML 4Page - Infineon Technologies AG SFH756 Datasheet HTML 5Page - Infineon Technologies AG SFH756 Datasheet HTML 6Page - Infineon Technologies AG SFH756 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
1
2004-03-19
Type
Ordering Code
SFH756
Q62702-P1716
SFH756V
Q62702-P1715
Plastic Fiber Optic Transmitter Diode
Plastic Connector Housing
SFH756
SFH756V
Fiber Optics
Features
• 2.2 mm Aperture holds Standard 1000 Micron
Plastic Fiber
• No Fiber Stripping Required
• Good Linearity (Forward current > 2 mA)
• Molded Microlens for Efficient Coupling
Plastic Connector Housing
• Mounting Screw Attached to the Connector
• Interference Free Transmission from
light-Tight Housing
• Transmitter and Receiver can be flexibly positioned
• No Cross Talk
• Auto insertable and Wave solderable
• Supplied in Tubes
Applications
• Household Electronics
• Power Electronics
• Optical Networks
• Light Barriers


Similar Part No. - SFH756

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
AVAGO TECHNOLOGIES LIMI...
SFH756V AVAGO-SFH756V Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756V BOARDCOM-SFH756V Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756_07 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
More results

Similar Description - SFH756

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756_07 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Infineon Technologies A...
SFH450 INFINEON-SFH450 Datasheet
209Kb / 7P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
SFH757 INFINEON-SFH757 Datasheet
217Kb / 7P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
Siemens Semiconductor G...
SFH450V SIEMENS-SFH450V Datasheet
95Kb / 2P
   PLASTIC FIBER OPTIC TRANSMITTER DIODE
SFH450 SIEMENS-SFH450 Datasheet
96Kb / 2P
   PLASTIC FIBER OPTIC TRANSMITTER DIODE
logo
Infineon Technologies A...
SFH350 INFINEON-SFH350 Datasheet
285Kb / 7P
   Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing
2004-03-19
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
   Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
logo
NEC
PLM101-1M NEC-PLM101-1M Datasheet
180Kb / 7P
   PLASTIC FIBER OPTIC LINK
logo
Infineon Technologies A...
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
   Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com