Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEU4J2X7R1H104K125AE Datasheet(PDF) 1 Page - TDK Electronics

Part # CEU4J2X7R1H104K125AE
Description  Automotive Grade ( Serial Design )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CEU4J2X7R1H104K125AE Datasheet(HTML) 1 Page - TDK Electronics

  CEU4J2X7R1H104K125AE Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automotive Grade ( Serial Design )
CEU4(2012) [EIA CC0805]
L
2.00mm +0.3,-0.2mm
W
1.25mm +0.25,-0.2mm
T
1.25mm +0.25,-0.2mm
B
0.20mm Min.
G
0.50mm Min.
X7R (-55 to 125 degC +/-15%)
1H (50Vdc)
100nF
K (+/-10%)
3% Max.
5Gohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CEU4J2X7R1H104K125AE
TDK Item Description : CEU4J2X7R1H104KT***S
Cap. vs. Freq. Characteristic
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
1020
3040
5060
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CEU4J2X7R1H104K125AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CEU4J2X7R1H104M125AE TDK-CEU4J2X7R1H104M125AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
More results

Similar Description - CEU4J2X7R1H104K125AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CEU3E2X7R1H103K080AE TDK-CEU3E2X7R1H103K080AE Datasheet
139Kb / 1P
   Automotive Grade ( Serial Design )
CEU3E2X7R1H223M080AE TDK-CEU3E2X7R1H223M080AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
CEU3E2X7R1H682K080AE TDK-CEU3E2X7R1H682K080AE Datasheet
139Kb / 1P
   Automotive Grade ( Serial Design )
CEU3E2X7R2A152M080AE TDK-CEU3E2X7R2A152M080AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
CEU3E2X7R2A332M080AE TDK-CEU3E2X7R2A332M080AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
CEU4J2X7R2A153M125AE TDK-CEU4J2X7R2A153M125AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
CEU3E2X7R1H153M080AE TDK-CEU3E2X7R1H153M080AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
CEU3E2X7R1H333M080AE TDK-CEU3E2X7R1H333M080AE Datasheet
138Kb / 1P
   Automotive Grade ( Serial Design )
CEU4J2X7R2A472M125AE TDK-CEU4J2X7R2A472M125AE Datasheet
139Kb / 1P
   Automotive Grade ( Serial Design )
CEU4J2X7R2A682M125AE TDK-CEU4J2X7R2A682M125AE Datasheet
139Kb / 1P
   Automotive Grade ( Serial Design )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com