Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91.PP.8A2.00100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 91.PP.8A2.00100
Description  Robust duplex housings protect fibers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91.PP.8A2.00100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  91.PP.8A2.00100 Datasheet HTML 1Page - Molex Electronics Ltd. 91.PP.8A2.00100 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features and Benefits
MIIM™ Fiber Optic patch cords are
used to connect MIIM fiber panels
within the MIIM System. MIIM patch
cords incorporate a monitoring cable
along with contact points on the patch
cord connectors that activate the
detection mechanism in the MIIM
patch panel. When used with the rest
of the MIIM system, the patch cords
will provide connectivity information to
the MIIM system.
n
Robust duplex housings protect
fibers
n
Monitoring contact interfaces with
MIIM fiber patch panels
n
MIIM patch cords are constructed
from two fibers contained in an
outer jacket
n
Standard jacket material is Low
Smoke Zero Halogen (LS0H)
n
Available in singlemode (OS1, OS2)
and multimode (OM1, OM2, OM3,
OM4) constructions
Commercial Standards
ISO/IEC 11801:2002
ANSI/TIA /EIA 568-C.3
ICEA-596
Pending Approvals
UL 1863
Fire Propagation Tests
LS0H
Technical Information
Mechanical Characteristics
Connector Type: Duplex LC
Durability:
500 insertions
Cable Weight:
1m - 18g
2m - 34g
3m - 49g
5m - 83g
10m - 157g
Temperature range:
Installation:
-20°C to 50°C
Operation:
-20°C to 50°C
Storage:
-50°C to 80°C
Nominal Outside Diameter:
6 mm x 2.76 mm
Minimum Bend Radius:
Installation
4.1 cm
Long Term
2.8 cm
Maximum Long Term Tensile: 300 Nm
Number of Fibers Terminated: 2
Cable Assembly Length Tolerance:
< 15 m = -0 +/-100 mm
>15 m = -0 + 1%
Sheath Colors
62.5/125μ OM1: Orange
50/125μ OM2:
Grey
50/125μ OM3:
Aqua
50/125μ OM4:
Aqua
9/125μ OS1:
Yellow
9/125μ OS2:
Yellow
Electrical/Optical Characteristics
Maximum Insertion Loss:
OS1, OS2:
0.3 dB Maximum
OM1, OM2, OM3, OM4: 0.3 dB
Maximum
Return Loss:
OS1, OS2
UPC:
> 50 dB Min
Multimode Fiber Specification
Fiber Type
ISO Class
Bandwidth
(OFL)
"Maximum Attenuation
(dB/km) (850nm / 1300 nm)
62.5 / 125μ
OM1
200 / 500
3.5 / 1.5
50 / 125μ
OM2
500 / 500
3.5 / 1.5
50 / 125μ
OM3
1500 / 500
3.5 / 1.5
50 / 125μ
OM4
3500 / 500
3.5 / 1.5
FEATURES AND SPECIFICATIONS
MIIM Fiber Optic
Patch Cords
MOLEX PREMISE NETWORKS
Americas
Tel: 630 969 4550
www.molexpn.com
EMEA
Tel: 44 (0)2392 205800
www.molexpn.co.uk
APAC
Tel: 61 3 9971 7111
www.molexpn.com.au
©2015, Molex Premise Networks
Printed in the UK
Form#91.PP.XXX.XXXXX
Page 1 of 2
Issue 3
Please refer to our website at http://www.molexpn.com/About-Us/Our-Warranty.html for terms and conditions of any resulting warranty.
This information is correct at the time of publication, specifications are subject to change.


Similar Part No. - 91.PP.8A2.00100

ManufacturerPart #DatasheetDescription
logo
Altech corporation
91.202 ALTECH-91.202 Datasheet
221Kb / 4P
   KU4000 Enclosure Series
91.330 ALTECH-91.330 Datasheet
221Kb / 4P
   KU4000 Enclosure Series
More results

Similar Description - 91.PP.8A2.00100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2114T ETC1-2114T Datasheet
174Kb / 3P
   Crimp Housings
logo
SICK AG
BEF-SG-W16 SICK-BEF-SG-W16 Datasheet
367Kb / 4P
   Protective housings
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
   Universal electronics housings
2017-08-22
logo
List of Unclassifed Man...
OPI1270-018 ETC2-OPI1270-018 Datasheet
104Kb / 2P
   Opaque plastic housings
logo
Weidmuller
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
   Robust terminations
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com